Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FS256S Datasheet(PDF) 23 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 23 Page - SPANSION

Back Button S25FS256S Datasheet HTML 19Page - SPANSION S25FS256S Datasheet HTML 20Page - SPANSION S25FS256S Datasheet HTML 21Page - SPANSION S25FS256S Datasheet HTML 22Page - SPANSION S25FS256S Datasheet HTML 23Page - SPANSION S25FS256S Datasheet HTML 24Page - SPANSION S25FS256S Datasheet HTML 25Page - SPANSION S25FS256S Datasheet HTML 26Page - SPANSION S25FS256S Datasheet HTML 27Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
23
Da ta
Shee t
(Prelim i nar y )
4.
Signal Protocols
4.1
SPI Clock Modes
4.1.1
Single Data Rate (SDR)
The S25FS-S family can be driven by an embedded microcontroller (bus master) in either of the two following
clocking modes.
 Mode 0 with Clock Polarity (CPOL) = 0 and, Clock Phase (CPHA) = 0
 Mode 3 with CPOL = 1 and, CPHA = 1
For these two modes, input data into the device is always latched in on the rising edge of the SCK signal and
the output data is always available from the falling edge of the SCK clock signal.
The difference between the two modes is the clock polarity when the bus master is in standby mode and not
transferring any data.
 SCK will stay at logic low state with CPOL = 0, CPHA = 0
 SCK will stay at logic high state with CPOL = 1, CPHA = 1
Figure 4.1 SPI SDR Modes Supported
Timing diagrams throughout the remainder of the document are generally shown as both Mode 0 and 3 by
showing SCK as both high and low at the fall of CS#. In some cases a timing diagram may show only Mode 0
with SCK low at the fall of CS#. In such a case, Mode 0 timing simply means the clock is high at the fall of
CS# so no SCK rising edge set up or hold time to the falling edge of CS# is needed for Mode 0.
SCK cycles are measured (counted) from one falling edge of SCK to the next falling edge of SCK. In Mode 0
the beginning of the first SCK cycle in a command is measured from the falling edge of CS# to the first falling
edge of SCK because SCK is already low at the beginning of a command.
4.1.2
Double Data Rate (DDR)
Mode 0 and Mode 3 are also supported for DDR commands. In DDR commands, the instruction bits are
always latched on the rising edge of clock, the same as in SDR commands. However, the address and input
data that follow the instruction are latched on both the rising and falling edges of SCK. The first address bit is
latched on the first rising edge of SCK following the falling edge at the end of the last instruction bit. The first
bit of output data is driven on the falling edge at the end of the last access latency (dummy) cycle.
SCK cycles are measured (counted) in the same way as in SDR commands, from one falling edge of SCK to
the next falling edge of SCK. In Mode 0 the beginning of the first SCK cycle in a command is measured from
the falling edge of CS# to the first falling edge of SCK because SCK is already low at the beginning of a
command.
Figure 4.2 SPI DDR Modes Supported
CPOL=0_CPHA=0_SCLK
CPOL=1_CPHA=1_SCLK
CS#
SI
SO
MSB
MSB
CPOL=0_CPHA=0_SCLK
CPOL=1_CPHA=1_SCLK
CS#
Transfer_Phase
SI
SO
Inst. 7
Inst. 0 A31 A30
A0 M7 M6
M0
DLP7
DLP0
D0 D1
Dummy / DLP
Address
Mode
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com