Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FS256S Datasheet(PDF) 24 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 24 Page - SPANSION

Back Button S25FS256S Datasheet HTML 20Page - SPANSION S25FS256S Datasheet HTML 21Page - SPANSION S25FS256S Datasheet HTML 22Page - SPANSION S25FS256S Datasheet HTML 23Page - SPANSION S25FS256S Datasheet HTML 24Page - SPANSION S25FS256S Datasheet HTML 25Page - SPANSION S25FS256S Datasheet HTML 26Page - SPANSION S25FS256S Datasheet HTML 27Page - SPANSION S25FS256S Datasheet HTML 28Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 154 page
background image
24
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
4.2
Command Protocol
All communication between the host system and S25FS-S family memory devices is in the form of units
called commands.
All commands begin with an 8-bit instruction that selects the type of information transfer or device operation
to be performed. Commands may also have an address, instruction modifier, latency period, data transfer to
the memory, or data transfer from the memory. All instruction, address, and data information is transferred
sequentially between the host system and memory device.
Command protocols are also classified by a numerical nomenclature using three numbers to reference the
transfer width of three command phases:
 instruction;
 address and instruction modifier (Continuous Read mode bits);
 data.
Single bit wide commands start with an instruction and may provide an address or data, all sent only on the SI
signal. Data may be sent back to the host serially on the SO signal. This is referenced as a 1-1-1 command
protocol for single bit width instruction, single bit width address and modifier, single bit data.
Dual or Quad Input / Output (I/O) commands provide an address sent from the host as bit pairs on IO0 and
IO1 or, four bit (nibble) groups on IO0, IO1, IO2, and IO3. Data is returned to the host similarly as bit pairs on
IO0 and IO1 or, four bit (nibble) groups on IO0, IO1, IO2, and IO3. This is referenced as 1-2-2 for Dual I/O
and 1-4-4 for Quad I/O command protocols.
The S25FS-S family also supports a QPI Mode in which all information is transferred in 4-bit width, including
the instruction, address, modifier, and data. This is referenced as a 4-4-4 command protocol.
Commands are structured as follows:
 Each command begins with CS# going low and ends with CS# returning high. The memory device is
selected by the host driving the Chip Select (CS#) signal low throughout a command.
 The Serial Clock (SCK) marks the transfer of each bit or group of bits between the host and memory.
 Each command begins with an 8-bit (byte) instruction. The instruction selects the type of information
transfer or device operation to be performed. The instruction transfers occur on SCK rising edges.
However, some read commands are modified by a prior read command, such that the instruction is implied
from the earlier command. This is called Continuous Read mode. When the device is in Continuous Read
mode, the instruction bits are not transmitted at the beginning of the command because the instruction is
the same as the read command that initiated the Continuous Read mode. In Continuous Read mode the
command will begin with the read address. Thus, Continuous Read mode removes eight instruction bits
from each read command in a series of same type read commands.
 The instruction may be stand alone or may be followed by address bits to select a location within one of
several address spaces in the device. The instruction determines the address space used. The address
may be either a 24-bit or a 32-bit, byte boundary, address. The address transfers occur on SCK rising
edge, in SDR commands, or on every SCK edge, in DDR commands.
 In legacy SPI mode, the width of all transfers following the instruction are determined by the instruction
sent. Following transfers may continue to be single bit serial on only the SI or Serial Output (SO) signals,
they may be done in two bit groups per (dual) transfer on the IO0 and IO1 signals, or they may be done in
4-bit groups per (quad) transfer on the IO0-IO3 signals. Within the dual or quad groups the least significant
bit is on IO0. More significant bits are placed in significance order on each higher numbered IO signal.
Single bits or parallel bit groups are transferred in most to least significant bit order.
 In QPI Mode, the width of all transfers is a 4-bit wide (Quad) transfer on the IO0-IO3 signals.
 Dual and Quad I/O read instructions send an instruction modifier called Continuous Read mode bits,
following the address, to indicate whether the next command will be of the same type with an implied,
rather than an explicit, instruction. These mode bits initiate or end the Continuous Read mode. In
Continuous Read mode, the next command thus does not provide an instruction byte, only a new address
and mode bits. This reduces the time needed to send each command when the same command type is
repeated in a sequence of commands. The mode bit transfers occur on SCK rising edge, in SDR
commands, or on every SCK edge, in DDR commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com