Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FS256S Datasheet(PDF) 86 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 86 Page - SPANSION

Back Button S25FS256S Datasheet HTML 82Page - SPANSION S25FS256S Datasheet HTML 83Page - SPANSION S25FS256S Datasheet HTML 84Page - SPANSION S25FS256S Datasheet HTML 85Page - SPANSION S25FS256S Datasheet HTML 86Page - SPANSION S25FS256S Datasheet HTML 87Page - SPANSION S25FS256S Datasheet HTML 88Page - SPANSION S25FS256S Datasheet HTML 89Page - SPANSION S25FS256S Datasheet HTML 90Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 154 page
background image
86
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
 Read latency may be zero to several SCK cycles (also referred to as dummy cycles).
 All instruction, address, mode, and data information is transferred in byte granularity. Addresses are shifted
into the device with the most significant byte first. All data is transferred with the lowest address byte sent
first. Following bytes of data are sent in lowest to highest byte address order i.e. the byte address
increments.
 All attempts to read the flash memory array during a program, erase, or a write cycle (embedded
operations) are ignored. The embedded operation will continue to execute without any affect. A very
limited set of commands are accepted during an embedded operation. These are discussed in the
individual command descriptions. While a program, erase, or write operation is in progress, it is
recommended to check that the Write-In Progress (WIP) bit is 0 before issuing most commands to the
device, to ensure the new command can be accepted.
 Depending on the command, the time for execution varies. A command to read status information from an
executing command is available to determine when the command completes execution and whether the
command was successful.
 Although host software in some cases is used to directly control the SPI interface signals, the hardware
interfaces of the host system and the memory device generally handle the details of signal relationships
and timing. For this reason, signal relationships and timing are not covered in detail within this software
interface focused section of the document. Instead, the focus is on the logical sequence of bits transferred
in each command rather than the signal timing and relationships. Following are some general signal
relationship descriptions to keep in mind. For additional information on the bit level format and signal timing
relationships of commands, see Command Protocol on page 24.
– The host always controls the Chip Select (CS#), Serial Clock (SCK), and Serial Input (SI) - SI for single
bit wide transfers. The memory drives Serial Output (SO) for single bit read transfers. The host and
memory alternately drive the IO0-IO3 signals during Dual and Quad transfers.
– All commands begin with the host selecting the memory by driving CS# low before the first rising edge
of SCK. CS# is kept low throughout a command and when CS# is returned high the command ends.
Generally, CS# remains low for eight bit transfer multiples to transfer byte granularity information.
Some commands will not be accepted if CS# is returned high not at an 8-bit boundary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com