Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FS256S Datasheet(PDF) 73 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 73 Page - SPANSION

Back Button S25FS256S Datasheet HTML 69Page - SPANSION S25FS256S Datasheet HTML 70Page - SPANSION S25FS256S Datasheet HTML 71Page - SPANSION S25FS256S Datasheet HTML 72Page - SPANSION S25FS256S Datasheet HTML 73Page - SPANSION S25FS256S Datasheet HTML 74Page - SPANSION S25FS256S Datasheet HTML 75Page - SPANSION S25FS256S Datasheet HTML 76Page - SPANSION S25FS256S Datasheet HTML 77Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
73
Da ta
Shee t
(Prelim i nar y )
8.6.7
ASP Register (ASPR)
Related Commands: ASP Read (ASPRD 2Bh) and ASP Program (ASPP 2Fh), Read Any Register (RDAR
65h), Write Any Register (WRAR 71h).
The ASP register is a 16-bit OTP memory location used to permanently configure the behavior of Advanced
Sector Protection (ASP) features. ASPR does not have user programmable volatile bits, all defined bits are
OTP.
The default state of the ASPR bits are programmed by Spansion.
Password Protection Mode Lock Bit (PWDMLB) ASPR[2]: When programmed to 0, the Password
Protection mode is permanently selected.
Persistent Protection Mode Lock Bit (PSTMLB) ASPR[1]: When programmed to 0, the Persistent
Protection mode is permanently selected.
PWDMLB (ASPR[2]) and PSTMLB (ASPR[1]) are mutually exclusive, only one may be programmed to 0.
ASPR bits may only be programmed while ASPR[2:1] = 11b. Attempting to program ASPR bits when
ASPR[2:1] is not = 11b will result in a programming error with P_ERR (SR1V[6]) set to 1. After the ASP
protection mode is selected by programming ASPR[2:1] = 10b or 01b, the state of all ASPR bits are locked
and permanently protected from further programming. Attempting to program ASPR[2:1] = 00b will result in a
programming error with P_ERR (SR1V[6]) set to 1.
Similarly, OTP configuration bits listed in the ASP Register description (ASP Register on page 81), may only
be programmed while ASPR[2:1] = 11b. The OTP configuration must be selected before selecting the ASP
protection mode. The OTP configuration bits are permanently protected from further change when the ASP
protection mode is selected. Attempting to program these OTP configuration bits when ASPR[2:1] is not =
11b will result in a programming error with P_ERR (SR1V[6]) set to 1.
The ASP protection mode should be selected during system configuration to ensure that a malicious program
does not select an undesired protection mode at a later time. By locking all the protection configuration via the
ASP mode selection, later alteration of the protection methods by malicious programs is prevented.
Table 8.27 ASP Register (ASPR)
Bits
Field Name
Function
Type
Default
State
Description
15 to 9
RFU
Reserved
OTP
1
Reserved for Future Use.
8
RFU
Reserved
OTP
1
Reserved for Future Use.
7
RFU
Reserved
OTP
1
Reserved for Future Use.
6
RFU
Reserved
OTP
1
Reserved for Future Use.
5
RFU
Reserved
OTP
1
Reserved for Future Use.
4
RFU
Reserved
RFU
1
Reserved for Future Use.
3
RFU
Reserved
RFU
1
Reserved for Future Use.
2
PWDMLB
Password
Protection Mode
Lock Bit
OTP
1
0 = Password Protection mode permanently enabled.
1 = Password Protection mode not permanently enabled.
1
PSTMLB
Persistent
Protection Mode
Lock Bit
OTP
1
0 = Persistent Protection mode permanently enabled.
1 = Persistent Protection mode not permanently enabled.
0
RFU
Reserved
RFU
1
Reserved for Future Use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com