Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FS256S Datasheet(PDF) 72 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 72 Page - SPANSION

Back Button S25FS256S Datasheet HTML 68Page - SPANSION S25FS256S Datasheet HTML 69Page - SPANSION S25FS256S Datasheet HTML 70Page - SPANSION S25FS256S Datasheet HTML 71Page - SPANSION S25FS256S Datasheet HTML 72Page - SPANSION S25FS256S Datasheet HTML 73Page - SPANSION S25FS256S Datasheet HTML 74Page - SPANSION S25FS256S Datasheet HTML 75Page - SPANSION S25FS256S Datasheet HTML 76Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 154 page
background image
72
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
8.6.6.2
Configuration Register 4 Volatile (CR4V)
Related Commands: Read Any Register (RDAR 65h), Write Any Register (WRAR 71h), Set Burst Length
(SBL C0h).
Output Impedance CR2V[7:5]: These bits control the IO signal output impedance (drive strength). This
volatile output impedance configuration bit enables the user to adjust the drive strength during normal
operation.
Wrap Enable CR4V[4]: This bit controls the burst wrap feature. This volatile configuration bit enables the
device to enter and exit burst wrapped read mode during normal operation.
Wrap Length CR4V[1:0]: These bits controls the wrapped read length and alignment during normal
operation. These volatile configuration bits enable the user to adjust the burst wrapped read length during
normal operation.
Table 8.26 Configuration Register 4 Volatile (CR4V)
Bits
Field Name
Function
Type
Default
State
Description
7
OI
Output Impedance
Volatile
CR4NV
See Table 8.25, Output Impedance Control on page 71.
6
5
4
WE
Wrap Enable
0 = Wrap Enabled.
1 = Wrap Disabled.
3
RFU
Reserved
Reserved for Future Use.
2
RFU
Reserved
Reserved for Future Use.
1
WL
Wrap Length
00 = 8-byte wrap.
01 = 16-byte wrap.
10 = 32-byte wrap.
11 = 64-byte wrap.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com