Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FS256S Datasheet(PDF) 74 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 74 Page - SPANSION

Back Button S25FS256S Datasheet HTML 70Page - SPANSION S25FS256S Datasheet HTML 71Page - SPANSION S25FS256S Datasheet HTML 72Page - SPANSION S25FS256S Datasheet HTML 73Page - SPANSION S25FS256S Datasheet HTML 74Page - SPANSION S25FS256S Datasheet HTML 75Page - SPANSION S25FS256S Datasheet HTML 76Page - SPANSION S25FS256S Datasheet HTML 77Page - SPANSION S25FS256S Datasheet HTML 78Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 154 page
background image
74
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
8.6.8
Password Register (PASS)
Related Commands: Password Read (PASSRD E7h) and Password Program (PASSP E8h), Read Any
Register (RDAR 65h), Write Any Register (WRAR 71h). The PASS register is a 64-bit OTP memory location
used to permanently define a password for the Advanced Sector Protection (ASP) feature. PASS does not
have user programmable volatile bits, all defined bits are OTP. A volatile copy of PASS is used to satisfy read
latency requirements but the volatile register is not user writable or further described.
8.6.9
PPB Lock Register (PPBL)
Related Commands: PPB Lock Read (PLBRD A7h, PLBWR A6h), Read Any Register (RDAR 65h).
PPBL does not have separate user programmable non-volatile bits, all defined bits are volatile read only
status. The default state of the RFU bits is set by hardware. The default state of the PPBLOCK bit is defined
by the ASP protection mode bits in ASPR[2:1]. There is no non-volatile version of the PPBL register.
The PPBLOCK bit is used to protect the PPB bits. When PPBL[0] = 0, the PPB bits can not be programmed.
8.6.10
PPB Access Register (PPBAR)
Related Commands: PPB Read (PPBRD FCh or 4PPBRD E2h), PPB Program (PPBP FDh or 4PPBP E3h),
PPB Erase (PPBE E4h).
PPBAR does not have user writable volatile bits, all PPB array bits are non-volatile. The default state of the
PPB array is erased to FFh by Spansion. There is no volatile version of the PPBAR register.
Table 8.28 Password Register (PASS)
Bits
Field
Name
Function
Type
Default State
Description
63 to 0
PWD
Hidden
Password
OTP
FFFFFFFF-
FFFFFFFFh
Non-Volatile OTP storage of 64-bit password. The password is
no longer readable after the password protection mode is
selected by programming ASP register bit 2 to 0.
Table 8.29 PPB Lock Register (PPBL)
Bits
Field Name
Function
Type
Default State
Description
7 to 1
RFU
Reserved
Volatile
00h
Reserved for Future Use
0
PPBLOCK
Protect PPB Array
Volatile
Read
Only
ASPR[2:1] = 1xb = Persistent
Protection Mode = 1
ASPR[2:1] = 01b = Password
Protection Mode = 0
0 = PPB array protected.
1 = PPB array may be programmed or erased.
Table 8.30 PPB Access Register (PPBAR)
Bits
Field Name
Function
Type
Default State
Description
7 to 0
PPB
Read or Program
per sector PPB
Non-Volatile
FFh
00h = PPB for the sector addressed by the PPBRD or
PPBP command is programmed to 0, protecting that
sector from program or erase operations.
FFh = PPB for the sector addressed by the PPBRD
command is 1, not protecting that sector from program
or erase operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com