Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FS256S Datasheet(PDF) 61 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 61 Page - SPANSION

Back Button S25FS256S Datasheet HTML 57Page - SPANSION S25FS256S Datasheet HTML 58Page - SPANSION S25FS256S Datasheet HTML 59Page - SPANSION S25FS256S Datasheet HTML 60Page - SPANSION S25FS256S Datasheet HTML 61Page - SPANSION S25FS256S Datasheet HTML 62Page - SPANSION S25FS256S Datasheet HTML 63Page - SPANSION S25FS256S Datasheet HTML 64Page - SPANSION S25FS256S Datasheet HTML 65Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
61
Da ta
Shee t
(Prelim i nar y )
8.6.1.2
Status Register 1 Volatile (SR1V)
Related Commands: Read Status Register (RDSR1 05h), Write Registers (WRR 01h), Write Enable (WREN
06h), Write Disable (WRDI 04h), Clear Status Register (CLSR 30h or 82h), Read Any Register (RDAR 65h),
Write Any Register (WRAR 71h). This is the register displayed by the RDSR1 command.
Status Register Write (SRWD) SR1V[7]: SRWD is a volatile copy of SR1NV[7]. This bit tracks any changes
to the non-volatile version of this bit.
Program Error (P_ERR) SR1V[6]: The Program Error bit is used as a program operation success or failure
indication. When the Program Error bit is set to a 1 it indicates that there was an error in the last program
operation. This bit will also be set when the user attempts to program within a protected main memory sector,
or program within a locked OTP region. When the Program Error bit is set to a 1 this bit can be cleared to 0
with the Clear Status Register (CLSR) command. This is a read-only bit and is not affected by the WRR or
WRAR commands.
Erase Error (E_ERR) SR1V[5]: The Erase Error bit is used as an Erase operation success or failure
indication. When the Erase Error bit is set to a 1 it indicates that there was an error in the last erase operation.
This bit will also be set when the user attempts to erase an individual protected main memory sector. The
Bulk Erase command will not set E_ERR if a protected sector is found during the command execution. When
the Erase Error bit is set to a 1 this bit can be cleared to 0 with the Clear Status Register (CLSR) command.
This is a read-only bit and is not affected by the WRR or WRAR commands.
Block Protection (BP2, BP1, BP0) SR1V[4:2]: These bits define the main flash array area to be software
protected against program and Erase commands. The BP bits are selected as either volatile or non-volatile,
depending on the state of the BP non-volatile bit (BPNV_O) in the Configuration Register CR1NV[3]. When
CR1NV[3]=0 the non-volatile version of the BP bits (SR1NV[4:2]) are used to control Block Protection and the
WRR command writes SR1NV[4:2] and updates SR1V[4:2] to the same value. When CR1NV[3]=1 the volatile
version of the BP bits (SR1V[4:2]) are used to control Block Protection and the WRR command writes
SR1V[4:2] and does not affect SR1NV[4:2]. When one or more of the BP bits is set to 1, the relevant memory
area is protected against program and erase. The Bulk Erase (BE) command can be executed only when the
BP bits are cleared to 0’s. See Section 9.3, Block Protection on page 77 for a description of how the BP bit
values select the memory array area protected.
Table 8.15 Status Register 1 Volatile (SR1V)
Bits
Field
Name
Function
Type
Default State
Description
7
SRWD
Status Register
Write Disable
Volatile
Read Only
SR1NV
Volatile copy of SR1NV[7].
6
P_ERR
Programming
Error Occurred
Volatile
Read Only
1 = Error occurred.
0 = No Error.
5
E_ERR
Erase Error
Occurred
Volatile
Read Only
1= Error occurred.
0 = No Error.
4
BP2
Block
Protection
Volatile
Volatile
Protects selected range of sectors (Block) from Program
or Erase when the BP bits are configured as volatile
(CR1NV[3]=1). Volatile copy of SR1NV[4:2] when BP
bits are configured as non-volatile. User writable when
BP bits are configured as volatile.
3
BP1
2
BP0
1
WEL
Write Enable
Latch
Volatile
1 = Device accepts Write Registers (WRR and WRAR),
Program, or Erase commands.
0 = Device ignores Write Registers (WRR and WRAR),
Program, or Erase commands.
This bit is not affected by WRR or WRAR, only WREN
and WRDI commands affect this bit.
0
WIP
Write-In-
Progress
Volatile
Read Only
1= Device Busy, an embedded operation is in progress
such as Program or Erase.
0 = Ready Device is in Standby mode and can accept
commands.
This bit is not affected by WRR or WRAR, it only
provides WIP status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com