Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FS256S Datasheet(PDF) 90 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 90 Page - SPANSION

Back Button S25FS256S Datasheet HTML 86Page - SPANSION S25FS256S Datasheet HTML 87Page - SPANSION S25FS256S Datasheet HTML 88Page - SPANSION S25FS256S Datasheet HTML 89Page - SPANSION S25FS256S Datasheet HTML 90Page - SPANSION S25FS256S Datasheet HTML 91Page - SPANSION S25FS256S Datasheet HTML 92Page - SPANSION S25FS256S Datasheet HTML 93Page - SPANSION S25FS256S Datasheet HTML 94Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 154 page
background image
90
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
10.1.4.1
Monitoring Operation Status
The host system can determine when a write, program, erase, suspend or other embedded operation is
complete by monitoring the Write-In-Progress (WIP) bit in the Status Register. The Read from
Status Register 1 command or Read Any Register command provides the state of the WIP bit. The program
error (P_ERR) and erase error (E_ERR) bits in the Status Register indicate whether the most recent program
or erase command has not completed successfully. When P_ERR or E_ERR bits are set to 1, the WIP bit will
remain set to one indicating the device remains busy and unable to receive most new operation commands.
Only Status Read (RDSR1 05h), Read Any Register (RDAR 65h), Status Clear (CLSR 30h or 82h), and
Software Reset (RSTEN 66h, RST 99h or RESET F0h) are valid commands when P_ERR or E_ERR is set to
1. A Clear Status Register (CLSR) followed by a Write Disable (WRDI) command must be sent to return the
device to standby state. Clear Status Register clears the WIP, P_ERR, and E_ERR bits. WRDI clears the
WEL bit. Alternatively, hardware reset, or software reset (RST or RESET) may be used to return the device to
standby state.
10.1.4.2
Configuration
There are commands to read, write, and protect registers that control interface path width, interface timing,
interface address length, and some aspects of data protection.
10.1.5
Read Flash Array
Data may be read from the memory starting at any byte boundary. Data bytes are sequentially read from
incrementally higher byte addresses until the host ends the data transfer by driving CS# input High. If the byte
address reaches the maximum address of the memory array, the read will continue at address zero of the
array.
There are several different read commands to specify different access latency and data path widths. Double
Data Rate (DDR) commands also define the address and data bit relationship to both SCK edges:
 The Read command provides a single address bit per SCK rising edge on the SI signal with read data
returning a single bit per SCK falling edge on the SO signal. This command has zero latency between the
address and the returning data but is limited to a maximum SCK rate of 50MHz.
 Other read commands have a latency period between the address and returning data but can operate at
higher SCK frequencies. The latency depends on a Configuration Register read latency value.
 The Fast Read command provides a single address bit per SCK rising edge on the SI signal with read data
returning a single bit per SCK falling edge on the SO signal.
 Dual or Quad I/O Read commands provide address two bits or four bits per SCK rising edge with read data
returning two bits, or four bits of data per SCK falling edge on the IO0-IO3 signals.
 Quad Double Data Rate read commands provide address four bits per every SCK edge with read data
returning four bits of data per every SCK edge on the IO0-IO3 signals.
10.1.6
Program Flash Array
Programming data requires two commands: Write Enable (WREN), and Page Program (PP). The Page
Program command accepts from 1 byte up to 256 or 512 consecutive bytes of data (page) to be programmed
in one operation. Programming means that bits can either be left at 1, or programmed from 1 to 0. Changing
bits from 0 to 1 requires an erase operation.
10.1.7
Erase Flash Array
The Parameter Sector Erase, Sector Erase, or Bulk Erase commands set all the bits in a sector or the entire
memory array to 1. A bit needs to be first erased to 1 before programming can change it to a 0. While bits can
be individually programmed from a 1 to 0, erasing bits from 0 to 1 must be done on a sector-wide or array-
wide (bulk) level. The Write Enable (WREN) command must precede an erase command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com