Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FS256S Datasheet(PDF) 65 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 65 Page - SPANSION

Back Button S25FS256S Datasheet HTML 61Page - SPANSION S25FS256S Datasheet HTML 62Page - SPANSION S25FS256S Datasheet HTML 63Page - SPANSION S25FS256S Datasheet HTML 64Page - SPANSION S25FS256S Datasheet HTML 65Page - SPANSION S25FS256S Datasheet HTML 66Page - SPANSION S25FS256S Datasheet HTML 67Page - SPANSION S25FS256S Datasheet HTML 68Page - SPANSION S25FS256S Datasheet HTML 69Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
65
Da ta
Shee t
(Prelim i nar y )
Freeze Protection (FREEZE) CR1V[0]: The Freeze bit, when set to 1, locks the current state of the Block
Protection control bits and OTP area:
 BPNV_2-0 bits in the non-volatile Status Register 1 (SR1NV[4:2])
 BP 2-0 bits in the volatile Status Register 1 (SR1V[4:2])
 TBPROT_O, TBPARM_O, and BPNV_O bits in the non-volatile Configuration Register (CR1NV[53, 2])
 TBPROT, TBPARM, and BPNV bits in the volatile Configuration Register (CR1V[5, 3, 2]) are indirectly
protected in that they are shadows of the related CR1NV OTP bits and are read only
 the entire OTP memory space
Any attempt to change the above listed bits while FREEZE = 1 is prevented:
 The WRR command does not affect the listed bits and no error status is set.
 The WRAR command does not affect the listed bits and no error status is set.
 The OTPP command, with an address within the OTP area, fails and the P-ERR status is set.
As long as the FREEZE bit remains cleared to logic 0 the Block Protection control bits and FREEZE are
writable, and the OTP address space is programmable.
Once the FREEZE bit has been written to a logic 1 it can only be cleared to a logic 0 by a power-off to power-
on cycle or a hardware reset. Software reset will not affect the state of the FREEZE bit.
The CR1V[0] FREEZE bit is volatile and the default state of FREEZE after power-on comes from FREEZE_D
in CR1NV[0]. The FREEZE bit can be set in parallel with updating other values in CR1V by a single WRR or
WRAR command.
The FREEZE bit does not prevent the WRR or WRAR commands from changing the SRWD_NV (SR1NV[7]),
Quad_NV (CR1NV[1]), or QUAD (CR1V[1]) bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com