Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7969 Datasheet(PDF) 117 Page - Advanced Micro Devices

Part # AM7969
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7969 Datasheet(HTML) 117 Page - Advanced Micro Devices

Back Button AM7969 Datasheet HTML 113Page - Advanced Micro Devices AM7969 Datasheet HTML 114Page - Advanced Micro Devices AM7969 Datasheet HTML 115Page - Advanced Micro Devices AM7969 Datasheet HTML 116Page - Advanced Micro Devices AM7969 Datasheet HTML 117Page - Advanced Micro Devices AM7969 Datasheet HTML 118Page - Advanced Micro Devices AM7969 Datasheet HTML 119Page - Advanced Micro Devices AM7969 Datasheet HTML 120Page - Advanced Micro Devices AM7969 Datasheet HTML 121Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 127 page
background image
AMD
113
TAXIchip Integrated Circuits Technical Manual
active High, without any additional logic. The VLTN signal is used for both Command
and Data violations. Buffering of the DSTRB and VLTN signals may be necessary as
illustrated in Figure 15 to meet the drive requirements of the first column of registers.
Data/Command Output Note:
In this system, when a nonSync Command byte is received the data line values
corresponding to that byte will change to the values last output from the
TAXI Receiver
data lines. Conversely, when a data byte is received the command line values for that
byte will change to the values last output from the
TAXI Receiver command lines. This is
a characteristic of the example given and depends on how the command and data
information is latched.
Altering the Number of Output Bytes:
The above described design is an example of a four byte cascaded serial data receiving
system. The same design techniques can be used to expand or reduce the number of
bytes output at a time by the system. The considerations that should be taken into
account for an altered system deal with board space and part cost in accordance with
the requirements of the situation at hand. For board space note see the PAL Usage
section below.
PAL Usage:
In this system, the use of a PAL could greatly reduce the amount of board space used.
The PAL could incorporate all of the flip-flops and buffering logic as well as the first
column of registers that capture the system information. The reason a PAL was not
used in the system described above was to help ensure the understanding of the design
concept. For this application it is recommended that the timing considerations men-
tioned before should be investigated to ensure proper operation of the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com