Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7969 Datasheet(PDF) 120 Page - Advanced Micro Devices

Part # AM7969
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7969 Datasheet(HTML) 120 Page - Advanced Micro Devices

Back Button AM7969 Datasheet HTML 116Page - Advanced Micro Devices AM7969 Datasheet HTML 117Page - Advanced Micro Devices AM7969 Datasheet HTML 118Page - Advanced Micro Devices AM7969 Datasheet HTML 119Page - Advanced Micro Devices AM7969 Datasheet HTML 120Page - Advanced Micro Devices AM7969 Datasheet HTML 121Page - Advanced Micro Devices AM7969 Datasheet HTML 122Page - Advanced Micro Devices AM7969 Datasheet HTML 123Page - Advanced Micro Devices AM7969 Datasheet HTML 124Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 127 page
background image
AMD
116
TAXIchip Integrated Circuits Technical Manual
Jumpers are provided on the outputs of Q4 and Q5 to be inverted (U7) and fed back to
the first NAND gate (U1). If Q4 is shorted back to the strobe input, the system will run in
auto-repeat ACK 0 mode. This means that there will be a strobe on every clock cycle. In
this mode a sync will never be sent. If the output of Q5 is shorted back to the strobe
input, the system will run in
auto-repeat ACK 1 mode. This means that a sync will be
automatically inserted in between each group of four data bytes.
On the receiver end of the link, the option is left up to the designer to either use four
Am7969 TAXI Receivers or to demultiplex the data and use only one Receiver.
Figure 16 has been included to give a detailed schematic of the circuit with an Am7969
TAXI Receiver on-board to complete the data path. Figures 17, 18, and 19 show typical
outputs for auto-run ACK0, auto-run ACK1 and Normal run modes.
V. CONCLUSION
To increase the length of a data word beyond eight bits, multiplex the data into an
Am7968 TAXI Transmitter. This method uses less power, less board space, and lowers
the parts cost of the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com