Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7969 Datasheet(PDF) 124 Page - Advanced Micro Devices

Part # AM7969
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7969 Datasheet(HTML) 124 Page - Advanced Micro Devices

Back Button AM7969 Datasheet HTML 119Page - Advanced Micro Devices AM7969 Datasheet HTML 120Page - Advanced Micro Devices AM7969 Datasheet HTML 121Page - Advanced Micro Devices AM7969 Datasheet HTML 122Page - Advanced Micro Devices AM7969 Datasheet HTML 123Page - Advanced Micro Devices AM7969 Datasheet HTML 124Page - Advanced Micro Devices AM7969 Datasheet HTML 125Page - Advanced Micro Devices AM7969 Datasheet HTML 126Page - Advanced Micro Devices AM7969 Datasheet HTML 127Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 124 / 127 page
background image
AMD
120
TAXIchip Integrated Circuits Technical Manual
TAXI Technical Information Publication #89-15
Subject: General Device Information for 125/175 MHz TAXIchips
This T.I.P. provides general information about the design and manufacturing of the
125 MHz and 175 MHz TAXIchips. The information is separated into three categories:
Design, Wafer Fab, and Assembly/Packaging.
Design:
Transmitter (TX)
Receiver (RX)
Product P/N:
Am7968-125
Am7969-125
Am7968-175
Am7969-175
Die Number:
4768
4769
Chip Dimensions:
170 x 167 mils2
196 x 187 mils2
# NPN Transistors:
3386
4384
# PNP Transistors:
14
24
# Resistors:
2504
3556
# Diodes:
87
76
Equiv. Gate Count:
595
720
I/O Schematics:
See TAXI TIP #89-12
Supply Currents:
Typical Values (mA), VCC = 5.5 V Process=Nominal, CD 028 package,
Temp. forced with moving air flow (approx. thetaJMA= 20
°C/W)
–55
°C0°C25°C70°C
125
°C
Transmitter:
230
215
203
187
178
Receiver:
272
250
237
212
182
Wafer Fab:
Location:
Fab 2A, San Antonio, TX (formerly Fab 11) Process ID:
Bipolar IMOX–S2: 402L–1156
Metal One:
TiW (barrier metal): 1800 A nom. thickness AlCu: 1.0% Cu,
8000 A nom. thickness Pitch = 4
µ
Metal Two:
AlCu: 1.0% Cu, 15500 A nom. thickness Pitch = 8
µ
Passivation:
Silox/Nitride dual layer.
7500 A nominal thickness Nitride: 6800 A nominal thickness



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com