Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 191 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 191 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 187Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 188Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 189Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 190Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 191Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 192Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 193Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 194Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 195Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 219 page
background image
P R E L I M I N A R Y
AMD
191
Am79C970A
SWITCHING WAVEFORMS: AUI
tXI
tDOTR
tDOTF
tX1H
tX1L
tX1F
tX1R
1
1
0
1
XTAL1
ISTDCLK
(Note 1)
ITXDAT+
(Note 1)
DO+
DO–
DO
±
0
1
1
ITXEN
(Note 1)
19436A-67
Note 1:
Internal signal and is shown for clarification only.
Transmit Timing—Start of Packet
Typical > 200 ns
tDOETD
XTAL1
ISTDCLK
(Note 1)
ITXEN
(Note 1)
ITXDAT+
(Note 1)
DO+
DO–
DO
±
0
1
0
0
10
Bit (n–2)
Bit (n–1)
Bit (n)
1
19436A-68
Note 1:
Internal signal and is shown for clarification only.
Transmit Timing—End of Packet (Last Bit = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com