Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 60 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 60 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 56Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 57Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 58Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 59Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 60Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 61Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 62Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 63Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 64Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 219 page
background image
AMD
P R E L I M I N A R Y
60
Am79C970A
19436A-30
FRAME
CLK
AD
IRDY
TRDY
C/
BE
DEVSEL
REQ
GNT
1
234567
MD1
0000
0110
PAR
PAR
PAR
DATA
DATA
PAR
DEVSEL is sampled
Figure 27. Descriptor Ring Read In Burst Mode
The settings of SWSTYLE (BCR20, bits 7–0) and
BWRITE (BCR18, bit 5) affect the way the PCnet-PCI II
controller performs descriptor write operations.
When SWSTYLE is set to ZERO, ONE or TWO, all
descriptor write operations are performed in non-burst
mode. The setting of BWRITE has no effect in
this configuration.
When SWSTYLE is set to THREE, the descriptor entries
are ordered to allow burst transfers. The PCnet-PCI II
controller will perform all descriptor write operations in
burst mode, if BWRITE is set to ONE.
A write transaction to the descriptor ring entries is the
only case where the PCnet-PCI II controller inserts a
wait state when being the bus master. Every data phase
in non-burst and burst mode is extended by one clock
cycle, during which
IRDY is deasserted.
Table 5. Descriptor Write Sequence
SWSTYLE
BWRITE
BCR20[7:0]
BCR18[5]
AD Bus Sequence
0
X
Address = XXXX XX04h
Data = MD2[15:0], MD1[15:0]
Idle
Address = XXXX XX00h
Data = MD1[31:24]
1,2
X
Address = XXXX XX08h
Data = MD2[31:0]
Idle
Address = XXXX XX04h
Data = MD1[31:16]
3
0
Address = XXXX XX00h
Data = MD2[31:0]
Idle
Address = XXXX XX04h
Data = MD1[31:16]
3
1
Address = XXXX XX00h
Data = MD2[31:0]
Data = MD1[31:16]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com