Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 40 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 40 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 36Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 37Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 38Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 39Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 40Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 41Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 42Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 43Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 44Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 219 page
background image
AMD
P R E L I M I N A R Y
40
Am79C970A
Parity Error Response
When the PCnet-PCI II controller is not the current bus
master, it samples the AD[31:0], C/
BE[3:0] and the PAR
lines during the address phase of any PCI command for
a parity error. When it detects an address parity error,
the controller sets PERR (PCI Status register, bit 15) to
ONE. When reporting of that error is enabled by setting
SERREN (PCI Command register, bit 8) and PERREN
(PCI Command register, bit 6) to ONE, the Pcnet-PCI II
controller also drives the
SERR signal low for one clock
cycle and sets SERR (PCI Status register, bit 14) to
ONE. The assertion of
SERR follows the address phase
by two clock cycles. The PCnet-PCI II controller will not
assert
DEVSEL for a PCI transaction that has an ad-
dress parity error, when PERREN and SERREN are set
to ONE.
19436A-13
FRAME
CLK
AD
SERR
C/
BE
DEVSEL
1
2345
PAR
PAR
ADDR
1st DATA
BE
CMD
PAR
Figure 10. Address Parity Error Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com