Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 98 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 98 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 94Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 95Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 96Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 97Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 98Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 99Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 100Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 101Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 102Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 219 page
background image
AMD
P R E L I M I N A R Y
98
Am79C970A
Table 14. IEEE 1149.1 Supported Instruction Summary
Instruction Name
Instruction Code
Description
Mode
Selected Data Register
EXTEST
0000
External Test
Test
BSR
IDCODE
0001
ID Code Inspection
Normal
ID REG
SAMPLE
0010
Sample Boundary
Normal
BSR
TRIBYP
0011
Force Float
Normal
Bypass
SETBYP
0100
Control Boundary To 1/0
Test
Bypass
BYPASS
1111
Bypass Scan
Normal
Bypass
Instruction Register and Decoding Logic
After the TAP FSM is reset, the IDCODE instruction is
always invoked. The decoding logic gives signals to
control the data flow in the Data registers according to
the current instruction.
Boundary Scan Register
Each Boundary Scan Register (BSR) cell has two
stages. A flip-flop and a latch are used for the Serial Shift
Stage and the Parallel Output Stage, respectively.
There are four possible operation modes in the
BSR cell:
Table 15. Boundary Scan Register Mode
Of Operation
1
Capture
2
Shift
3
Update
4
System Function
Other Data Registers
1. Bypass Register (1 bit)
2. Device ID register (32 bits)
Table 16. Device ID Register
Bits 31–28
Version
Bits 27–12
Part Number (0010 0100 0011 XXXX)
Bits 11–1
Manufacturer ID. The 11 bit
manufacturer ID cod for AMD is
00000000001 in accordance with
JEDEC publication 106-A.
Bit 0
Always a logic 1
Note that the content of the Device ID register is the
same as the content of CSR88.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com