Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 28 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 28 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 24Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 25Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 26Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 27Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 28Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 29Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 30Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 31Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 219 page
background image
AMD
P R E L I M I N A R Y
28
Am79C970A
operates in the same signaling environment as the PCI
bus interface.
TDI
Test Data In
Input
TDI is the test data input path to the PCnet-PCI II con-
troller. The pin has an internal pull-up resistor. The TDI
input operates in the same signaling environment as the
PCI bus interface.
TDO
Test Data Out
Output
TDO is the test data output path from the PCnet-PCI II
controller. The pin is tri-stated when the JTAG port is in-
active. The TDO output operates in the same signaling
environment as the PCI bus interface.
TMS
Test Mode Select
Input
A serial input bit stream on the TMS pin is used to define
the specific boundary scan test to be executed. The pin
has an internal pull-up resistor. The TMS input operates
in the same signaling environment as the PCI
bus interface.
Test Interface
NOUT
NAND Tree Out
Output
When
RST is asserted, the results of the NAND tree
testing can be observed on the NOUT pin.
Note that the NOUT pin is multiplexed with the
DXCVR pin.
Power Supply Pins
AVDD
Analog Power (4 Pins)
Power
There are four analog +5 V supply pins. Special atten-
tion should be paid to the printed circuit board layout to
avoid excessive noise on these lines. Refer to
Appendix B and the PCnet Family Board Design and
Layout
Recommendations
application
note
(PID
#19595A) for details.
AVSS
Analog Ground (2 Pins)
Power
There are two analog ground pins. Special attention
should be paid to the printed circuit board layout to avoid
excessive noise on these lines. Refer to Appendix B and
the
PCnet
Family
Board
Design
and
Layout
Recommendations application note (PID #19595A)
for details.
VDD
Digital Power (6 Pins)
Power
There are six power supply pins that are used by the in-
ternal digital circuitry. All VDD pins must be connected to
a +5 V supply.
VDDB
I/O Buffer Power (4 Pins)
Power
There are four power supply pins that are used by the
PCI bus input/output buffer drivers. In a system with 5 V
signaling environment, all VDDB pins must be connected
to a +5 V supply. In a system with 3.3 V signaling
nvironment, all VDDB pins must be connected to a
+3.3 V supply.
VSS
Digital Ground (12 Pins)
Ground
There are 12 ground pins that are used by the internal
digital circuitry.
VSSB
I/O Buffer Ground (8 Pins)
Ground
There are 8 ground pins that are used by the PCI bus in-
put/output buffer drivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com