Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 20 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 20 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 16Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 17Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 18Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 19Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 20Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 21Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 22Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 23Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 219 page
background image
AMD
P R E L I M I N A R Y
20
Am79C970A
PIN DESIGNATIONS
Listed By Driver Type
The next table describes the various types of drivers that
are used in the PCnet-PCI II controller:
Name
Type
I
OL (mA)
I
OH (mA)
Load (pF)
LED
LED
12
-0.4
50
O6
Totem Pole
6
-0.4
50
OD6
Open Drain
6
N/A
50
STS6
Sustained Tri-State
TM
6-2
50
TS3
Tri-State
3
-2
50
TS6
Tri-State
6
-2
50
All IOL and IOH values shown in the table above apply to
5 V signaling. See the section “DC Characteristics” for
the values applying to 3.3 V signaling.
A sustained tri-state signal is a low active signal that is
driven high for one clock period before it is left floating.
DO, TDO and TPO are differential output drivers. The
characteristic of these and the XTAL output are de-
scribed in the section “DC Characteristics”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com