Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 55 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 55 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 51Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 52Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 53Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 54Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 55Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 56Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 57Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 58Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 59Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 219 page
background image
P R E L I M I N A R Y
AMD
55
Am79C970A
error as if nothing has happened. All network
activity continues.
Advanced Parity Error Handling
For all DMA cycles, the PCnet-PCI II controller provides
a second, more advanced level of parity error handling.
This mode is enabled by setting APERREN (BCR20,
bit 10) to ONE.
When APERREN is set to ONE, the BPE bits (RMD1
and TMD1, bit 23) are used to indicate parity error in
data transfers to the receive and transmit buffers. Note
that since the advanced parity error handling uses an
additional bit in the descriptor, SWSTYLE (BCR20, bits
7–0) must be set to ONE, TWO or THREE to program
the PCnet-PCI II controller to use 32-bit software
structures. The PCnet-PCI II controller will react in the
following way when a data parity error occurs:
s Initialization block read: STOP (CSR0, bit 2) is set to
ONE and causes a STOP_RESET of the device.
s Descriptor ring read: Any on-going network activity is
terminated in an orderly sequence and then STOP
(CSR0, bit 2) is set to ONE to cause a STOP_RESET
of the device.
s Descriptor ring write: Any on-going network activity
is terminated in an orderly sequence and then STOP
(CSR0, bit 2) is set to ONE to cause a STOP_RESET
of the device.
s Transmit buffer read: BPE (TMD1, bit 23) is set in the
current transmit descriptor. Any on-going network
transmission is terminated in an orderly sequence.
s Receive buffer write: BPE (RMD1, bit 23) is set in the
last receive descriptor associated with the frame.
Terminating on-going network transmission in an or-
derly sequence means that if less than 512 bits have
been transmitted onto the network, the transmission will
be terminated immediately, generating a runt packet. If
512 bits or more have been transmitted, the message
will have the current FCS inverted and appended at the
next byte boundary to guarantee an FCS error is de-
tected at the receiving station.
APERREN does not affect the reporting of address par-
ity errors or data parity errors that occur when the
PCnet-PCI II controller is the target of the transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com