Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 51 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 51 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 47Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 48Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 49Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 50Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 51Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 52Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 53Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 54Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 55Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 219 page
background image
P R E L I M I N A R Y
AMD
51
Am79C970A
Master Initiated Termination
There are three scenarios besides normal completion of
a transaction where the PCnet-PCI II controller will ter-
minate the cycles it produces on the PCI bus.
Preemption During Non-Burst Transaction
When the PCnet-PCI II controller performs multiple
non-burst transactions, it keeps
REQ asserted until the
assertion of
FRAME for the last transaction. When GNT
is removed, the PCnet-PCI II controller will finish the
current transaction and then release the bus. If it is not
the last transaction,
REQ will remain asserted to regain
bus ownership as soon as possible.
19436A-23
FRAME
CLK
AD
IRDY
TRDY
C/
BE
DEVSEL
REQ
GNT
1
234567
BE
0111
PAR
PAR
DEVSEL is sampled
PAR
DATA
ADDR
Figure 20. Preemption During Non-Burst Transaction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com