Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 53 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 53 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 49Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 50Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 51Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 52Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 53Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 54Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 55Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 56Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 57Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 219 page
background image
P R E L I M I N A R Y
AMD
53
Am79C970A
Master Abort
The PCnet-PCI II controller will terminate its cycle with a
Master Abort sequence if
DEVSEL is not asserted within
4 clocks after
FRAME is asserted. Master Abort is
treated as a fatal error by the PCnet-PCI II controller.
The PCnet-PCI II controller will reset all CSR locations
to their STOP_RESET values. The BCR and PCI con-
figuration registers will not be cleared. Any on-going net-
work transmission is terminated in an orderly sequence.
If less than 512 bits have been transmitted onto the net-
work, the transmission will be terminated immediately,
generating a runt packet. If 512 bits or more have been
transmitted, the message will have the current FCS
inverted and appended at the next byte boundary to
guarantee
an
FCS
error
is
detected
at
the
receiving station.
RMABORT (in the PCI Status register, bit 13) will be set
to indicate that the PCnet-PCI II controller has termi-
nated its transaction with a master abort. In addition,
SINT (CSR5, bit 11) will be set to ONE. When SINT is
set,
INTA is asserted if the enable bit SINTE (CSR5, bit
10) is set to ONE. This mechanism can be used to in-
form the driver of the system error. The host can read
the PCI Status register to determine the exact cause
of the interrupt.
19436A-25
FRAME
CLK
AD
IRDY
TRDY
C/
BE
DEVSEL
PAR
DEVSEL is sampled
ADDR
0111
PAR
1
234
5
6
78
9
DATA
PAR
REQ
GNT
0000
Figure 22. Master Abort



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com