Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 54 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 54 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 50Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 51Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 52Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 53Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 54Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 55Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 56Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 57Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 58Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 219 page
background image
AMD
P R E L I M I N A R Y
54
Am79C970A
Parity Error Response
During every data phase of a DMA read operation, when
the target indicates that the data is valid by asserting
TRDY, the PCnet-PCI II controller samples the
AD[31:0], C/
BE[3:0] and the PAR lines for a data parity
error. When it detects a data parity error, the controller
sets PERR (PCI Status register, bit 15) to ONE. When
reporting of that error is enabled by setting PERREN
(PCI Command register, bit 6) to ONE, the PCnet-PCI II
controller also drives the
PERR signal low and sets
DATAPERR (PCI Status register, bit 8) to ONE. The
assertion of
PERR follows the corrupted data/byte en-
ables by two clock cycles and PAR by one clock cycle.
The figure below shows a transaction that has a parity
error in the data phase. The PCnet-PCI II controller as-
serts
PERR on clock 8, two clock cycles after data is
valid. The data on clock 5 is not checked for parity, since
on a read access PAR is only required to be valid
one clock after the target has asserted
TRDY. The
PCnet-PCI II controller then drives
PERR high for one
clock cycle, since
PERR is a sustained tri-state signal.
19436A-26
FRAME
CLK
AD
IRDY
TRDY
C/
BE
DEVSEL
PAR
DEVSEL is sampled
ADDR
BE
0111
PAR
1
234
5
6
78
9
DATA
PAR
PERR
Figure 23. Master Cycle Data Parity Error Response
During every data phase of a DMA write operation, the
PCnet-PCI II controller checks the
PERR input to see if
the target reports a parity error. When it sees the
PERR
input asserted, the controller sets PERR (PCI Status
register, bit 15) to ONE. When PERREN (PCI Com-
mand register, bit 6) is set to ONE, the PCnet-PCI II con-
troller also sets DATAPERR (PCI Status register, bit 8)
to ONE.
Whenever the PCnet-PCI II controller is the current bus
master and a data parity error occurs, SINT (CSR5, bit
11) will be set to ONE. When SINT is set,
INTA is as-
serted if the enable bit SINTE (CSR5, bit 10) is set to
ONE. This mechanism can be used to inform the driver
of the system error. The host can read the PCI Status
register to determine the exact cause of the interrupt.
The setting of SINT due to a data parity error is not de-
pendent on the setting of PERREN (PCI Command
register, bit 6).
By default, a data parity error does not affect the state of
the MAC engine. The PCnet-PCI II controller treats the
data in all bus master transfers that have a parity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com