Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 100 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 100 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 96Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 97Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 98Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 99Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 100Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 101Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 102Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 103Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 104Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 219 page
background image
AMD
P R E L I M I N A R Y
100
Am79C970A
Pin 120 (
RST) is the first input to the NAND tree. Pin 117
(
INTA) is the second input to the NAND tree, followed by
pin 121 (CLK). All other PCI bus signals follow, counter-
clockwise, with pin 57 (AD0) being the last. Pins labeled
NC and all power supply pins are not part of the NAND
tree. The table below shows the complete list of pins
connected to the NAND tree.
Table 17. NAND Tree Pin Sequence
NAND
NAND
NAND
Tree
Tree
Tree
Input No.
Pin No.
Name
Input No.
Pin No.
Name
Input No.
Pin No.
Name
1
120
RST
18
15
AD21
35
36
AD15
2
117
INTA
19
16
AD20
36
38
AD14
3
121
CLK
20
18
AD19
37
39
AD13
4
123
GNT
21
19
AD18
38
40
AD12
5
126
REQ
22
21
AD17
39
41
AD11
6
128
AD31
23
22
AD16
40
42
AD10
7
129
AD30
24
23
C/
BE2
41
44
AD9
8
131
AD29
25
24
FRAME
42
45
AD8
9
132
AD28
26
25
IRDY
43
47
C/
BE0
10
2
AD27
27
26
TRDY
44
48
AD7
11
3
AD26
28
27
DEVSEL
45
49
AD6
12
5
AD25
29
28
STOP
46
51
AD5
13
6
AD24
30
29
LOCK
47
52
AD4
14
7
C/
BE331
31
PERR
48
53
AD3
15
10
IDSEL
32
32
SERR
49
54
AD2
16
12
AD23
33
34
PAR
50
56
AD1
17
13
AD22
34
35
C/
BE1
51
57
AD0
RST must be asserted low to start a NAND tree test se-
quence. Initially, all NAND tree inputs except
RST
should be driven high. This will result in a high output at
the NOUT pin. If the NAND tree inputs are driven from
high to low in the same order as they are connected to
build the NAND tree, NOUT will toggle every time an ad-
ditional input is driven low. NOUT will change to low,
when INTA is driven low and all other NAND tree inputs
stay high. NOUT will toggle back to high, when CLK is
additionally driven low. The square wave will continue
until all NAND tree inputs are driven low. NOUT will be
high, when all NAND tree inputs are driven low.
Note, that some of the pins connected to the NAND tree
are outputs in normal mode of operation. They must not
be driven from an external source until the PCnet-PCI II
controller is configured for NAND tree testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com