Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 104 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 104 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 100Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 101Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 102Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 103Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 104Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 105Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 106Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 107Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 108Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 219 page
background image
AMD
P R E L I M I N A R Y
104
Am79C970A
Table 19. I/O Map In Word I/O Mode (DWIO = 0)
Offset
No. of Bytes
Register
00h – 0Fh
16
APROM
10h
2
RDP
12h
2
RAP (shared by RDP
and BDP)
14h
2
Reset Register
16h
2
BDP
18h – 1Fh
8
Reserved
All I/O resources must be accessed in word quantities
and on word addresses. The Address PROM locations
can also be read in byte quantities. The only allowed
DWord operation is a write access to the RDP,
which switches the device to DWord I/O mode. A read
access other than listed in the table below will yield
undefined data, a write operation may cause unex-
pected reprogramming of the PCnet-PCI II controller
control registers.
Table 20. Legal I/O Accesses in Word I/O Mode (DWIO = 0)
AD[4:0]
BE[3:0]
Type
Comment
0XX00
1110
RD
Byte Read of APROM Location 0h, 4h, 8h or Ch
0XX01
1101
RD
Byte Read of APROM Location 1h, 5h, 9h or Dh
0XX10
1011
RD
Byte Read of APROM Location 2h, 6h, Ah or Eh
0XX11
0111
RD
Byte Read of APROM Location 3h, 7h, Bh or Fh
0XX00
1100
RD
Word Read of APROM Locations 1h (MSB) and 0h (LSB), 5h and 4h, 8h
and 9h or Ch and Dh
0XX10
0011
RD
Word Read of APROM Locations 3h (MSB) and 2h (LSB), 7h and 6h, Bh
and Ah or Fh and Eh
10000
1100
RD
Word Read of RDP
10010
0011
RD
Word Read of RAP
10100
1100
RD
Word Read of Reset Register
10110
0011
RD
Word Read of BDP
0XX00
1100
WR
Word Write to APROM Locations 1h (MSB) and 0h (LSB), 5h and 4h, 8h
and 9h or Ch and Dh
0XX10
0011
WR
Word Write to APROM Locations 3h (MSB) and 2h (LSB), 7h and 6h, Bh
and Ah or Fh and Eh
10000
1100
WR
Word Write to RDP
10010
0011
WR
Word Write to RAP
10100
1100
WR
Word Write to Reset Register
10110
0011
WR
Word Write to BDP
10000
0000
WR
DWord Write to RDP, switches Device to DWord I/O Mode
Double Word I/O Mode
The PCnet-PCI II controller can be configured to oper-
ate in DWord (32bit) I/O mode. The software can invoke
the DWIO mode by performing a DWord write access to
the I/O location at offset 10h (RDP). The data of the write
access must be such that it does not affect the intended
operation of the PCnet-PCI II controller. Setting the de-
vice into 32-bit I/O mode is usually the first operation af-
ter H_RESET or S_RESET. The RAP register will point
to CSR0 at that time. Writing a value of ZERO to CSR0
is a save operation. DWIO (BCR18, bit 7) will be set to
ONE as indicating that the PCnet-PCI II controller oper-
ates in 32-bit I/O mode.
Note that even though the I/O resource mapping
changes when the I/O mode setting changes, the RDP
location offset is the same for both modes. Once the
DWIO bit has been set to ONE, only H_RESET or
S_RESET can clear it to ZERO. The DWIO mode set-
ting is unaffected by setting the STOP bit.
The table below shows how the 32 bytes of address
space are used in DWord I/O mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com