Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 107 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 107 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 103Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 104Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 105Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 106Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 107Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 108Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 109Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 110Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 111Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 219 page
background image
P R E L I M I N A R Y
AMD
107
Am79C970A
The PCI Device ID register is located at offset 02h in the
PCI Configuration Space. It is read only.
PCI Command Register (Offset 04h)
The PCI Command register is a 16-bit register used to
control the gross functionality of the PCnet-PCI II con-
troller. It controls the PCnet-PCI II controller’s ability to
generate and respond to PCI bus cycles. To logically
disconnect the PCnet-PCI II controller device from all
PCI bus cycles except Configuration cycles, a value of
ZERO should be written to this register.
The PCI Command register is located at offset 04h in the
PCI Configuration Space. It is read and written by
the host.
Bit
Name
Description
15–10
RES
Reserved locations. Read as
ZEROs, write operations have
no effect.
9
FBTBEN
Fast Back-to-Back Enable. Read
as ZERO, write operations have
no effect. The PCnet-PCI II con-
troller will not generate Fast
Back-to-Back cycles.
8
SERREN
SERR enable. Controls the as-
sertion of the
SERR pin. SERR is
disabled
when
SERREN
is
cleared.
SERR will be asserted
on detection of an address parity
error and if both SERREN and
PERREN (bit 6 of this register)
are set.
SERREN
is
cleared
by
H_RESET and is not effected by
S_RESET or by setting the
STOP bit.
7
ADSTEP
Address/data stepping. Read as
ZERO, write operations have
no effect. The PCnet-PCI II
controller
does
not
use
address stepping.
6
PERREN
Parity Error Response enable.
Enables the parity error re-
sponse
functions.
When
PERREN is “0” and the PCnet-
PCI II controller detects a parity
error, it only sets the Detected
Parity Error bit in the PCI Status
register. When PERREN is “1”,
the PCnet-PCI II controller as-
serts
PERR on the detection of a
data parity error. It also sets the
DATAPERR
bit
(PCI
Status
register, bit 8), when the data
parity error occurred during a
master cycle. PERREN also en-
ables reporting address parity er-
rors through the
SERR pin and
the
SERR bit in the PCI
Status register.
PERREN
is
cleared
by
H_RESET and is not effected by
S_RESET or by setting the
STOP bit.
5
VGASNOOP
VGA palette snoop. Read as
ZERO, write operations have
no effect.
4
MWIEN
Memory Write and Invalidate Cy-
cle enable. Read as ZERO, write
operations have no effect. The
PCnet-PCI II controller only gen-
erates Memory Write cycles.
3
SCYCEN
Special Cycle enable. Read as
ZERO, write operations have
no effect. The PCnet-PCI II
controller ignores all Special
Cycle operations.
2
BMEN
Bus
Master
enable.
Setting
BMEN enables the PCnet-PCI II
controller to become a bus mas-
ter on the PCI bus. The host must
set BMEN before setting the INIT
or STRT bit in CSR0 of the
PCnet-PCI II controller.
BMEN is cleared by H_RESET
and is not effected by S_RESET
or by setting the STOP bit.
1
MEMEN
Memory Space access enable.
The PCnet-PCI II controller will
ignore all memory accesses
when MEMEN is cleared. The
host must set MEMEN before
the
first
memory
access
to
the device.
For memory mapped I/O, the
host must program the PCI Mem-
ory Mapped I/O Base Address
register with a valid memory ad-
dress before setting MEMEN.
For accesses to the Expansion
ROM, the host must program the
PCI
Expansion
ROM
Base
Address register at offset 30h
with a valid memory address
before
setting
MEMEN.
The
PCnet-PCI II controller will only
respond to accesses to the Ex-
pansion
ROM
when
both
ROMEN (PCI Expansion ROM
Base Address register, bit 0)
and MEMEN are set to ONE.
Since MEMEN also enables the
memory
mapped
access
to
the PCnet-PCI II controller I/O
resources,
the
PCI
Memory
Mapped I/O Base Address regis-
ter must be programmed with an



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com