Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 34 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 34 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 30Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 31Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 32Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 33Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 34Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 35Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 36Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 37Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 38Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 219 page
background image
AMD
P R E L I M I N A R Y
34
Am79C970A
19436A-7
FRAME
CLK
AD
IRDY
TRDY
C/
BE
DEVSEL
STOP
PAR
ADDR
0111
PAR
1
2345678
10
9
11
DATA
PAR
BE
Figure 4. Slave Write Using Memory Command
Expansion ROM Transfers
The host must initialize the Expansion ROM Base Ad-
dress register at offset 30h in the PCI configuration
space with a valid address before enabling the access to
the device. The base address must be aligned to a 64K
boundary as indicated by ROMSIZE (PCI Expansion
ROM Base Address register, bits 15–11). The
PCnet-PCI II controller will not react to any access to the
Expansion ROM until both MEMEN (PCI Command reg-
ister, bit 1) and ROMEN (PCI Expansion ROM Base Ad-
dress register, bit 0) are set to ONE. After the Expansion
ROM is enabled, the PCnet-PCI II controller will assert
DEVSEL on all memory read accesses with an address
between ROMBASE and ROMBASE + 64K – 4. The
PCnet-PCI II controller aliases all accesses to the Ex-
pansion ROM of the command types “Memory Read
Multiple” and “Memory Read Line” to the basic Memory
Read command. Eight-bit, 16-bit and 32-bit read trans-
fers are supported.
Since setting MEMEN also enables memory mapped
access to the I/O resources, attention must be given the
PCI Memory Mapped I/O Base Address register, before
enabling access to the Expansion ROM. The host must
set the PCI Memory Mapped I/O Base Address register
to a value that prevents the PCnet-PCI II controller from
claiming any memory cycles not intended for it.
The PCnet-PCI II controller will always read four bytes
for every host Expansion ROM read access.
TRDY will
not be asserted until all four bytes are loaded into an in-
ternal scratch register. The cycle
TRDY is asserted de-
pends on the programming of the Expansion ROM
interface timing. The following figure assumes that
ROMTMG (BCR18, bits 15–12) is at its default value.
Since the target latency for the Expansion ROM access
is considerably long, the PCnet-PCI II controller discon-
nects at the second data phase, when the host tries do
to perform a burst read operation of the Expansion
ROM. This behavior complies with the requirements for
latency issues in the PCI environment and allows other
devices to get fair access to the bus.
When the host tries to write to the Expansion ROM, the
PCnet-PCI II controller will claim the cycle by asserting
DEVSEL. TRDY will be asserted one clock cycle later.
The write operation will have no effect.
The PCnet-PCI II controller supports fast back-to-back
transactions to different targets. This is indicated by the
Fast Back-To-Back Capable bit (PCI Status register,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com