Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 48 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 48 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 44Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 45Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 46Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 47Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 48Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 49Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 50Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 51Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 52Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 219 page
background image
AMD
P R E L I M I N A R Y
48
Am79C970A
Target Initiated Termination
When the PCnet-PCI II controller is a bus master, the
cycles it produces on the PCI bus may be terminated by
the target in one of three different ways.
Disconnect With Data Transfer
The figure below shows a disconnection in which one
last data transfer occurs after the target asserted
STOP.
STOP is asserted on clock 4 to start the termination
sequence.
Data
is
still
transferred
during
this
cycle, since both
IRDY and TRDY are asserted. The
PCnet-PCI II controller terminates the current transfer
with the deassertion of
FRAME on clock 5 and of IRDY
one clock later. It finally releases the bus on clock 6. The
PCnet-PCI II controller will re-request the bus after 2
clock cycles, if it wants to transfer more data. The start-
ing address of the new transfer will be the address of the
next untransferred data.
19436A-20
FRAME
CLK
AD
IRDY
TRDY
C/
BE
DEVSEL
REQ
GNT
PAR
DEVSEL is sampled
ADDRi
0000
0111
PAR
0111
1
2345678
10
9
PAR
DATA
STOP
ADDRi+8
DATA
Figure 17. Disconnect With Data Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com