Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 27 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 27 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 23Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 24Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 25Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 26Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 27Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 28Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 29Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 30Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 31Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 219 page
background image
P R E L I M I N A R Y
AMD
27
Am79C970A
Note that the RXCLK pin is multiplexed with the
ERD1 pin.
RXDAT
Receive Data
Input
RXDAT is an input. Rising edges of the RXCLK signal
are used to sample the data on the RXDAT input when-
ever the RXEN input is HIGH.
Note that the RXDAT pin is multiplexed with the
ERD0 pin.
RXEN
Receive Enable
Input
RXEN is an input. When this signal is HIGH, it indicates
to the core logic that the data on the RXDAT input pin
is valid.
Note that the RXEN pin is multiplexed with the
ERD2 pin.
TXCLK
Transmit Clock
Input
TXCLK is an input, providing a clock signal for MAC ac-
tivity, both transmit and receive. Rising edges of the
TXCLK can be used to validate TXDAT output data.
Note that the TXCLK pin is multiplexed with the
ERD4 pin.
TXDAT
Transmit Data
Output
TXDAT is an output, providing the serial bit stream for
transmission, including preamble, SFD data and FCS
field, if applicable. TXDAT floats when the GPSI inter-
face is not enabled.
Note that the TXDAT pin is multiplexed with the
ERD7 pin.
TXEN
Transmit Enable
Output
TXEN is an output, providing an enable signal for trans-
mission. Data on the TXDAT pin is not valid unless the
TXEN signal is HIGH. TXEN should have an external
pull-down resistor attached (e.g. 3.3 k
Ω) to ensure the
output is held inactive until the GPSI interface
is enabled.
Note that the TXEN pin is multiplexed with the ERD6 pin.
External Address Detection Interface
EAR
External Address Reject Low
Input
The incoming frame will be checked against the inter-
nally active address detection mechanisms and the
result of this check will be ORd with the value on the
EAR pin. The EAR pin is defined as REJECT. The pin
value is “OR”ed with the internal address detection re-
sult to determine if the current frame should be accepted
or rejected.
The
EAR pin is internally pulled-up and can be left un-
connected, if the EADI interface is not used.
SFBD
Start Frame—Byte Delimiter
Output
An initial rising edge on the SFBD signal indicates that a
start of frame delimiter has been detected. The serial bit
stream will follow on the SRD signal, commencing with
the destination address field. SFBD will go high for 4 bit
times (400 ns) after detecting the second ONE in the
SFD (Start of Frame Delimiter) of a received frame.
SFBD will subsequently toggle every 400 ns (1.25 MHz
frequency) with each rising edge indicating the first bit of
each subsequent byte of the received serial bit stream.
SFBD will be inactive during frame transmission.
Note that the SFBD pin is multiplexed with the EESK
and
LED1 pins.
SRD
Serial Receive Data
Output
SRD is the decoded NRZ data from the network. This
signal can be used for external address detection. When
the 10BASE-T port is selected, transitions on SRD will
only occur during receive activity. When the AUI or GPSI
port is selected, transitions on SRD will occur during
both transmit and receive activity.
Note that the SRD pin is multiplexed with the EEDO and
LED3 pins.
SRDCLK
Serial Receive Data Clock
Output
Serial Receive Data is synchronous with reference to
SRDCLK. When the 10BASE-T port is selected, transi-
tions on SRDCLK will only occur during receive activity.
When the AUI or GPSI port is selected, transitions
on SRDCLK will occur during both transmit and
receive activity.
Note that the SRDCLK pin is multiplexed with the
LED2 pin.
IEEE 1149.1 Test Access Port Interface
TCK
Test Clock
Input
TCK is the clock input for the boundary scan test mode
operation. It can operate at a frequency of up to 10 MHz.
TCK has an internal pull-up resistor. The TCK input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com