Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 62 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 62 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 58Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 59Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 60Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 61Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 62Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 63Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 64Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 65Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 66Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 219 page
background image
AMD
P R E L I M I N A R Y
62
Am79C970A
19436A-32
GNT
REQ
DEVSEL
TRDY
PAR
C/
BE
FRAME
CLK
35
PAR
AD
IRDY
DEVSEL is sampled
DATA
1
2
4
6
7
8
0110
0000
0011
MD2
PAR
DATA
PAR
Figure 29. Descriptor Ring Write In Burst Mode
FIFO DMA Transfers
PCnet-PCI II controller microcode will determine when a
FIFO DMA transfer is required. This transfer mode will
be used for transfers of data to and from the
PCnet-PCI II controller FIFOs. Once the PCnet-PCI II
controller BIU has been granted bus mastership, it will
perform a series of consecutive transfer cycles before
relinquishing the bus. All transfers within the master cy-
cle will be either read or write cycles, and all transfers
will be to contiguous, ascending addresses. Both non-
burst and burst cycles are used, with burst mode being
the preferred mode when the device is used in a PCI
bus application.
Non-Burst FIFO DMA Transfers
In the default mode the PCnet-PCI II controller uses
non-burst transfers to read and write data when
accessing the FIFOs. Each non-burst transfer will be
performed sequentially, with the issue of an address,
and the transfer of the corresponding data with appropri-
ate output signals to indicate selection of the active data
bytes during the transfer.
FRAME will be deasserted
after every address phase. The number of data transfer
cycles contained within a single bus mastership period
is in general dependent on the programming of the
DMAPLUS option (CSR4, bit 14). Several other factors
will also affect the length of the bus mastership period.
The possibilities are as follows:
If DMAPLUS is cleared to ZERO, a maximum of 16
transfers will be performed by default. This default value
may be changed by writing to the DMA Transfer Counter
(CSR80). Note that DMAPLUS = 0 merely sets a
maximum value. The minimum number of transfers in
the bus mastership period will be determined by all of
the following variables: the settings of the FIFO water-
marks (CSR80), the conditions of the FIFOs, the value
of the DMA Transfer Counter (CSR80), the value of the
DMA Bus Timer (CSR82), and any occurrence of
preemption
that
takes
place
during
the
bus
mastership period.
If DMAPLUS is set to ONE, bus cycles will continue until
the transmit FIFO is filled to its high threshold (read
transfers) or the receive FIFO is emptied to its low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com