Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 203 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 203 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 199Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 200Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 201Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 202Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 203Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 204Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 205Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 206Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 207Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 219 page
background image
AMD
B-2
Am79C970A
19436A-58
AVDD2
AVSS2
VDD plane
VSS plane
33
µF to 10 µF
1
Ω to 10 Ω
PCnet-PCI II
0.1
µF
To determine the value for the resistor and capacitor,
the formula is:
R * C
≥ 88
Where R is in Ohms and C is in microfarads. Some pos-
sible combinations are given below. To minimize the
voltage drop across the resistor, the R value should not
be more than 10
Ω.
2.7
Ω
33
µF
4.3
Ω
22
µF
6.8
Ω
15
µF
10
Ω
10
µF
RC
AVSS2 and AVDD2/AVDD4: These pins provide power
and ground for the AUI and twisted pair receive circuitry.
In addition, as mentioned earlier, AVSS2 and AVDD2
provide power and ground for the phase-lock loop por-
tion of the chip. Except for the filter circuit already
mentioned, no specific decoupling is necessary on
these pins.
AVDD1: AVDD1 provides power for the control and in-
terface logic in the PLL. Ground for this logic is provided
by digital ground pins. No specific decoupling is neces-
sary on this pin.
Special Note for Adapter Cards: In adapter card de-
signs, it is important to utilize all available power and
ground pins available on the bus edge connector. In
addition, the connection from the bus edge connector to
the power or ground plane should be made through
more than one via and with wide traces (15 mils desir-
able) wherever possible. Following these recommenda-
tions results in minimal inductance in the power and
ground paths. By minimizing this inductance, ground
bounce is minimized.
See also the PCnet Family Board Design and Layout
Recommendations applications note (PID# 19595) for
additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com