Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 208 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 208 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 204Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 205Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 206Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 207Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 208Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 209Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 210Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 211Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 212Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 219 page
background image
AMD
D-4
Am79C970A
19436A-57
Buffer
#1
Ethernet
Controller
activity:
Software
activity:
Buffer
#2
Buffer
#3
S0: Driver is idle.
C1: Controller is performing intermittent
bursts of DMA to fill data buffer #1.
Ethernet
Wire
activity:
N0: Packet preamble, SFD
and destination address
are arriving.
C3: SRP interrupt
is generated.
C5: Controller is performing intermittent
bursts of DMA to fill data buffer #2.
S1: Interrupt latency.
S3: Driver writes modified application
pointer to descriptor #3.
C8: Controller is performing intermittent
bursts of DMA to fill data buffer #3.
N1: 64th byte of packet
data arrives.
S4: Driver copies data from buffer #1 to the application buffer.
S5: Driver polls descriptor #2.
S7: Driver polls descriptor of buffer #3.
S8: Driver calls application
to tell application that
packet has arrived.
S6: Driver copies data from buffer #2 to the application buffer.
C9: Controller writes descriptor #3.
C0: Lookahead to descriptor #2.
C2: Controller writes descriptor #1.
S2: Driver call to application to
get application buffer pointer.
{
S9: Application processes packet, generates TX packet.
S10: Driver sets up TX descriptor.
C4: Lookahead to descriptor #3 (
OWN).
C6: "Last chance" lookahead to
descriptor #3 (OWN).
C7: Controller writes descriptor #2.
}
}{
{
N2: EOM
Figure D1. LAPP Timeline
LAPP Software Requirements
Software needs to set up a receive ring with descriptors
formed into groups of 3. The first descriptor of each
group should have OWN = 1 and STP = 1, the second
descriptor of each group should have OWN = 1 and
STP = 0. The third descriptor of each group should have
OWN = 0 and STP = 0. The size of the first buffer (as
indicated in the first descriptor), should be at least equal
to the largest expected header size; however, for maxi-
mum efficiency of CPU utilization, the first buffer size
should be larger than the header size. It should be equal
to the expected number of message bytes, minus the
time needed for Interrupt latency and minus the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com