Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 214 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 214 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 210Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 211Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 212Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 213Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 214Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 215Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 216Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 217Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 218Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 219 page
background image
AMD
D-10
Am79C970A
Figure D4 shows the buffer sizing for the two-interrupt
method. Note that the second buffer size will be about
the same for each method.
19436A-60
A
= Expected message size in bytes
S1 = Interrupt latency
S2 = Application call latency
S3 = Time needed for driver to write
to third descriptor
S4 = Time needed for driver to copy
data from buffer #1 to
application buffer space
S6 = Time needed for driver to copy
data from buffer #2 to
application buffer space
Note that the times needed for tasks S1,
S2, S3, S4, and S6 should be divided by
0.8 microseconds to yield an equivalent
number of network byte times before
subtracting these quantities from the
expected message size A.
OWN = 1
STP = 1
SIZE = HEADER_SIZE (minimum 64 bytes)
Descriptor
#1
OWN = 1
STP = 0
SIZE = S1+S2+S3+S4
Descriptor
#2
OWN = 0
STP = 0
SIZE = 1518 - (S1+S2+S3+S4+HEADER_SIZE)
Descriptor
#3
OWN = 1
STP = 1
Descriptor
#4
SIZE = HEADER_SIZE (minimum 64 bytes)
OWN = 1
Descriptor
#5
STP = 0
SIZE = S1+S2+S3+S4
Descriptor
#6
OWN = 0
STP = 0
SIZE = 1518 - (S1+S2+S3+S4+HEADER_SIZE)
OWN = 1
STP = 1
Descriptor
#7
SIZE = HEADER_SIZE (minimum 64 bytes)
OWN = 1
Descriptor
#8
STP = 0
SIZE = S1+S2+S3+S4
Descriptor
#9
OWN = 0
STP = 0
SIZE = 1518 - (S1+S2+S3+S4+HEADER_SIZE)
Figure D4. LAPP 3 Buffer Grouping for TWO-INTERRUPT Method
There is another alternative which is a marriage of the
two previous methods. This third possibility would use
the buffer sizes set by the two-interrupt method, but
would use the polling method of determining frame end.
This will give good frame latency but at the price of very
high CPU utilization.
And still, there are even more compromise positions that
use various fixed buffer sizes and effectively, the flow of
the one-interrupt method. All of these compromises will
reduce the complexity of the one-interrupt method by
removing the heuristic buffer sizing code, but they all
become less efficient than heuristic code would allow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com