Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 165 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 165 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 161Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 162Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 163Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 164Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 165Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 166Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 167Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 168Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 169Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 219 page
background image
P R E L I M I N A R Y
AMD
165
Am79C970A
preamble plus a valid SFD de-
tected, followed by 7 bytes of
frame data. This requirement is
unvarying, regardless of the ad-
dress matching mechanisms in
force at the time of reception. (I.e.
physical, logical, broadcast or
promiscuous). The PCnet-PCI II
controller implementation of this
counter may not be compatible
with the ILACC RPC definition.
15–12 ZEROS
This field is reserved. PCnet-PCI
II controller will write ZEROs to
these locations.
11–0
MCNT
Message Byte Count is the
length in bytes of the received
message, expressed as an un-
signed binary integer. MCNT is
valid only when ERR is clear and
ENP is set. MCNT is written by
the PCnet-PCI II controller and
cleared by the host.
RMD3
Bit
Name
Description
31–0
RES
Reserved locations.
Transmit Descriptors
When SWSTYLE (BCR20, bits 7–0) is set to ZERO, the
software structures are defined to be 16 bits wide, and
transmit descriptors, (CXDA = Current Transmit De-
scriptor Address), are as shown in Table 43.
When SWSTYLE (BCR 20, bits 7–0) is set to ONE or
TWO, the software structures are defined to be 32 bits
wide, and transmit descriptors, (CXDA = Current Trans-
mit Descriptor Address), are as shown in Table 44.
When SWSTYLE (BCR 20, bits 7–0) is set to THREE,
then the software structures are defined to be 32 bits
wide, and transmit descriptors, (CXDA = Current Trans-
mit Descriptor Address), are as shown in Table 45.
Table 43. Transmit Descriptor (SWSTYLE = 0)
Address
15
14
13
12
11
10
9
8
7–0
CXDA+00h
TBADR[15:0]
CXDA+02h
OWN
ERR
ADD_/
MORE
ONE
DEF
STP
ENP
TBADR[23:16]
NO_
/
FCS
LTINT
CXDA+04h
1
1
1
1
BCNT
CXDA+06h
BUFF
UFLO
EX
LCOL
LCAR
RTRY
TDR
DEF
Table 44. Transmit Descriptor (SWSTYLE = 1,2)
Address
31
30
29
28
27
26
25
24
23
22–16
15–12
11–4
3–0
CXDA+00h
TBADR[31:0]
CXDA+04h
OWN
ERR
ADD_/
MORE
ONE
DEF
STP
ENP
BPE
RES
1111
BCNT
NO_
/
FCS
LTINT
CXDA+08h
BUFF
UFLO
EX
LCOL
LCAR RTRY
TDR
RES
TRC
DEF
CXDA+0Ch
RESERVED
Table 45. Transmit Descriptor (SWSTYLE = 3)
Address
31
30
29
28
27
26
25
24
23
22–16
15–12
11–4
3–0
CXDA+00h
BUFF
UFLO
EX
LCOL
LCAR RTRY
TDR
RES
TRC
DEF
CXDA+04h
OWN
ERR
ADD_/
MORE
ONE
DEF
STP
ENP
BPE
RES
1111
BCNT
NO_
/
FCS
LTINT
CXDA+08h
TBADR[31:0]
CXDA+0Ch
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com