Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 187 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 187 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 183Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 184Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 185Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 186Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 187Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 188Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 189Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 190Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 191Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 265 page
background image
Am79C971
187
TMD1
Bit
Name
Description
31
OWN
This bit indicates whether the de-
scriptor entry is owned by the
host (OWN = 0) or by the
Am79C971 controller (OWN = 1).
The host sets the OWN bit after
filling the buffer pointed to by the
descriptor entry. The Am79C971
controller clears the OWN bit af-
ter transmitting the contents of
the buffer. Both the Am79C971
controller and the host must not
alter a descriptor entry after it has
relinquished ownership.
30
ERR
ERR is the OR of UFLO, LCOL,
LCAR, RTRY or BPE. ERR is set
by the Am79C971 controller and
cleared by the host. This bit is set
in the current descriptor when the
error occurs and, therefore, may
be set in any descriptor of a
chained buffer transmission.
29
ADD_FCS
ADD_FCS dynamically controls
the generation of FCS on a frame
by frame basis. It is valid only if
the
STP
bit
is
set.
When
ADD_FCS is set, the state of
DXMTFCS is ignored and trans-
mitter FCS generation is activat-
ed. When ADD_FCS is cleared to
0, FCS generation is controlled
by
DXMTFCS.
When
APAD_XMT (CSR4, bit 11) is set
to 1, the setting of ADD_FCS has
no effect on frames shorter than
64 bytes. ADD_FCS is set by the
host, and is not changed by the
Am79C971 controller. This is a
reserved bit in the C-LANCE
(Am79C90) controller.
28
MORE/LTINT Bit
28
always
functions
as
MORE. The value of MORE is
written by the Am79C971 control-
ler and is read by the host. When
LTINTEN is cleared to 0 (CSR5,
bit 14), the Am79C971 controller
will never look at the contents of
bit 28, write operations by the
host have no effect. When LTINT-
EN is set to 1 bit 28 changes its
function to LTINT on host write
operations and on Am79C971
controller read operations.
MORE
MORE indicates that more than
one retry was needed to transmit
a frame. The value of MORE is
written by the Am79C971 control-
ler. This bit has meaning only if
the ENP bit is set.
LTINT
LTINT is used to suppress inter-
rupts after successful transmis-
sion on selected frames. When
LTINT is cleared to 0 and ENP is
set to 1, the Am79C971 controller
will not set TINT (CSR0, bit 9) af-
ter a successful transmission.
TINT will only be set when the
last descriptor of a frame has
both LTINT and ENP set to 1.
When LTINT is cleared to 0, it will
only cause the suppression of in-
terrupts for successful transmis-
sion. TINT will always be set if the
transmission has an error. The
LTINTEN overrides the function
of TOKINTD (CSR5, bit 15).
27
ONE
ONE indicates that exactly one
retry was needed to transmit a
frame. ONE flag is not valid when
LCOL is set. The value of the
ONE
bit
is
written
by
the
Am79C971 controller. This bit
has meaning only if the ENP bit is
set.
26
DEF
Deferred
indicates
that
the
Am79C971 controller had to de-
fer while trying to transmit a
frame. This condition occurs if the
channel
is
busy
when
the
Am79C971 controller is ready to
transmit. DEF is set by the
Am79C971
controller
and
cleared by the host.
25
STP
Start of Packet indicates that this
is the first buffer to be used by the
Am79C971
controller
for
this
frame. It is used for data chaining
buffers. The STP bit must be set
in the first buffer of the frame, or
the Am79C971 controller will skip
over the descriptor and poll the
next descriptor(s) until the OWN
and STP bits are set. STP is set
by the host and is not changed by
the Am79C971 controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com