Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 50 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 50 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 46Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 47Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 48Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 49Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 50Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 51Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 52Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 53Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 54Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 265 page
background image
50
Am79C971
Table 5.
Descriptor Write Sequence
FIFO DMA Transfers
Am79C971 microcode will determine when a FIFO
DMA transfer is required. This transfer mode will be
used for transfers of data to and from the Am79C971
FIFOs. Once the Am79C971 BIU has been granted bus
mastership, it will perform a series of consecutive
transfer cycles before relinquishing the bus. All trans-
fers within the master cycle will be either read or write
cycles, and all transfers will be to contiguous, ascend-
ing addresses. Both non-burst and burst cycles are
used, with burst mode being the preferred mode when
the device is used in a PCI bus application.
Non-Burst FIFO DMA Transfers
In the default mode, the Am79C971 controller uses
non-burst transfers to read and write data when ac-
cessing the FIFOs. Each non-burst transfer will be per-
formed sequentially with the issue of an address and
the transfer of the corresponding data with appropriate
output signals to indicate selection of the active data
bytes during the transfer.
FRAME will be deasserted after every address phase.
Several factors will affect the length of the bus master-
ship period. The possibilities are as follows:
Bus cycles will continue until the transmit FIFO is filled
to its high threshold (read transfers) or the receive FIFO
is emptied to its low threshold (write transfers). The
exact number of total transfer cycles in the bus master-
ship period is dependent on all of the following vari-
ables: the settings of the FIFO watermarks, the
conditions of the FIFOs, the latency of the system bus
to the Am79C971 controller’s bus request, the speed of
bus operation and bus preemption events. The TRDY
response time of the memory device will also affect the
number of transfers, since the speed of the accesses
will affect the state of the FIFO. During accesses, the
FIFO may be filling or emptying on the network end. For
example, on a receive operation, a slower TRDY re-
sponse will allow additional data to accumulate inside
of the FIFO. If the accesses are slow enough, a com-
plete DWord may become available before the end of
the bus mastership period and, thereby, increase the
number of transfers in that period. The general rule is
that the longer the Bus Grant latency, the slower the
bus transfer operations; the slower the clock speed, the
higher the transmit watermark; or the higher the re-
ceive watermark, the longer the bus mastership period
will be.
Note: The PCI Latency Timer is not significant during
non-burst transfers.
SWSTYLE
BCR20[7:0]
BWRITE
BCR18[5]
AD Bus Sequence
0X
Address = XXXX XX04h
Data = MD2[15:0],
MD1[15:0]
Idle
Address = XXXX XX00h
Data = MD1[31:24]
2X
Address = XXXX XX08h
Data = MD2[31:0]
Idle
Address = XXXX XX04h
Data = MD1[31:16]
30
Address = XXXX XX00h
Data = MD2[31:0]
Idle
Address = XXXX XX04h
Data = MD1[31:16]
31
Address = XXXX XX00h
Data = MD2[31:0]
Data = MD1[31:16]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com