Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 77 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 77 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 73Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 74Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 75Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 76Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 77Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 78Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 79Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 80Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 81Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 265 page
background image
Am79C971
77
pa th, RXD (3:0 ), from the exter n al PHY to th e
Am79C971 controller and is synchronous to the rising
edge of RX_CLK.
The receive process starts when RX_DV is asserted.
RX_DV will remain asserted until the end of the receive
frame. The Am79C971 controller requires CRS (Car-
rier Sense) to toggle in between frames in order to re-
ceive them properly. Errors in the currently received
frame are signaled across the MII by the RX_ER pin.
RX_ER can be used to signal special conditions out of
band when RX_DV is not asserted. Two defined out-of-
band conditions for this are the 100BASE-TX signaling
of bad Start of Frame Delimiter and the 100BASE-T4
indication of illegal code group before the receiver has
synched to the incoming data. The Am79C971 control-
ler will not respond to these conditions. All out of band
conditions are currently treated as NULL events. Cer-
tain in band non-IEEE 802.3u-compliant flow control
sequences may cause erratic behavior for the
Am79C971 controller. Consult the switch/bridge/router/
hub manual to disable the in-band flow control se-
quences if they are being used.
MII Network Status Interface
The MII also provides signals that are consistent and
necessary for IEEE 802.3 and IEEE 802.3u operation.
These signals are CRS (Carrier Sense) and COL (Col-
lision Sense). Carrier Sense is used to detect non-idle
activity on the network. Collision Sense is used to indi-
cate that simultaneous transmission has occurred in a
half-duplex network.
MII Management Interface
The MII provides a two-wire management interface so
that the Am79C971 controller can control and receive
status from external PHY devices.
The Am79C971 controller can support up to 31 exter-
nal PHYs attached to the MII Management Interface
with software support and only one such device without
software support.
The Network Port Manager copies the PHYAD after the
Am79C971 controller reads the EEPROM and uses it
to communicate with the external PHY. The PHY ad-
dress must be programmed into the EEPROM prior to
starting the Am79C971 controller. This is necessary so
that the internal management controller can work au-
tonomously from the software driver and can always
know where to ac cess the exter n al PHY. T h e
Am79C971 controller is unique by offering direct hard-
ware support of the external PHY device without soft-
ware support. The internal PHY is addressed at the last
available MII address of 1Fh. To access the 31 external
PHYs, the software driver must have knowledge of the
external PHY’s address when multiple PHYs are
present before attempting to address it.
The MII Management Interface uses the MII Control,
Address, and Data registers (BCR32, 33, 34) to control
and communicate to the exter nal an d inter nal
10BASE-T only PHYs. Am79C971 generates MII man-
agement frames to the external PHY through the MDIO
pin synchronous to the rising edge of the Management
Data Clock (MDC) based on a combination of writes
and reads to these registers. To prevent problems on
the exposed interface, MII management frames will not
be generated when the internal PHY is the target. The
MII only supports internal and external 10BASE-T or
100BASE-T as possible network connections. The in-
ternal AUI and GPSI are not considered part of the MII
and cannot be selected through the MII.
.
Figure 38.
Media Independent Interface
4
RXD(3:0)
RX_DV
RX_ER
RX_CLK
4
TXD(3:0)
TX_EN
TX_ER
TX_CLK
Am79C971
MDIO
MDC
COL
CRS
Receive Signals
Transmit Signals
Management Port Signals
Network Status Signals
20550D-41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com