Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 53 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 53 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 49Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 50Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 51Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 52Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 53Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 54Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 55Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 56Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 57Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 265 page
background image
Am79C971
53
Figure 30.
FIFO Burst Write At End Of Unaligned
Buffer
The exact number of total transfer cycles in the bus
mastership period is dependent on all of the following
variables: the settings of the FIFO watermarks, the
conditions of the FIFOs, the latency of the system bus
to the Am79C971 controller’s bus request, and the
speed of bus operation. The TRDY response time of
the memory device will also affect the number of trans-
fers, since the speed of the accesses will affect the
state of the FIFO. During accesses, the FIFO may be
filling or emptying on the network end. For example, on
a receive operation, a slower TRDY response will allow
additional data to accumulate inside of the FIFO. If the
accesses are slow enough, a complete DWord may be-
come available before the end of the bus mastership
period and, thereby, increase the number of transfers in
that period. The general rule is that the longer the Bus
Grant latency, the slower the bus transfer operations;
the slower the clock speed, the higher the transmit wa-
termark; or the lower the receive watermark, the longer
the total burst length will be.
When a FIFO DMA burst operation is preempted, the
Am79C971 controller will not relinquish bus ownership
until the PCI Latency Timer expires.
Buffer Management Unit
The Buffer Management Unit (BMU) is a microcoded
state machine which implements the initialization pro-
cedure and manages the descriptors and buffers. The
buffer management unit operates at half the speed of
the CLK input.
Initialization
Am79C971 initialization includes the reading of the ini-
tialization block in memory to obtain the operating pa-
rameters. The initialization block can be organized in
two ways. When SSIZE32 (BCR20, bit 8) is at its de-
fault value of 0, all initialization block entries are logi-
cally 16-bits wide to be backwards compatible with the
Am79C90 C-LANCE and Am79C96x PCnet-ISA family.
When SSIZE32 (BCR20, bit 8) is set to 1, all initializa-
tion block entries are logically 32-bits wide. Note that
the Am79C971 controller always performs 32-bit bus
transfers to read the initialization block entries. The ini-
tialization block is read when the INIT bit in CSR0 is set.
The INIT bit should be set before or concurrent with the
STRT bit to insure correct operation. Once the initial-
ization block has been completely read in and internal
registers have been updated, IDON will be set in
CSR0, generating an interrupt (if IENA is set).
The Am79C971 controller obtains the start address of
the initialization block from the contents of CSR1 (least
significant 16 bits of address) and CSR2 (most signifi-
cant 16 bits of address). The host must write CSR1 and
CSR2 before setting the INIT bit. The initialization block
contains the user defined conditions for Am79C971 op-
eration, together with the base addresses and length
information of the transmit and receive descriptor rings.
There is an alter nate method to initial ize the
Am79C971 controller. Instead of initialization via the
initialization block in memory, data can be written di-
rectly into the appropriate registers. Either method or a
combination of the two may be used at the discretion of
the programmer. Please refer to Appendix C, Alterna-
tive Method for Initialization for details on this alternate
method.
Re-Initialization
The transmitter and receiver sections of the Am79C971
controller can be turned on via the initialization block
(DTX, DRX, CSR15, bits 1-0). The states of the trans-
mitter and receiver are monitored by the host through
CSR0 (RXON, TXON bits). The Am79C971 controller
should be re-initialized if the transmitter and/or the re-
ceiver were not turned on during the original initializa-
tion, and it was subsequently required to activate them
or if either section was shut off due to the detection of
an error condition (MERR, UFLO, TX BUFF error).
Re-initialization may be done via the initialization block
or by setting the STOP bit in CSR0, followed by writing
to CSR15, and then setting the START bit in CSR0.
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
REQ
GNT
1
234567
0000
0111
PAR
PAR
PAR
PAR
DEVSEL is sampled
1110
PAR
DATA
DATA
DATA
ADD
20550D-33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com