Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 94 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 94 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 90Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 91Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 92Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 93Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 94Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 95Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 96Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 97Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 98Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 265 page
background image
94
Am79C971
Figure 53.
Typical SRAM Write Operation
SRAM Interface Bandwidth Requirements
When the EBCLK pin is used to drive the Expansion
Bus cycles and external SRAMs are present, the
CLK_FAC (BCR27, bits 2-0) selects the clock factor for
the Expansion Bus Clock (EBCLK). The Expansion
Bus Clock can be divided down by factors of 2 or 4. For
maximum throughput capability to support maximum
wire rates in a full-duplex 100-Mbps network, a 33-MHz
clock should be supplied to the EBCLK input pin and
15-ns SRAM devices must be used. For systems with
lower throughput requirements, a lower clock fre-
quency, along with slower speed SRAM devices, may
be used. In a half-duplex 10-Mbps design, an EBCLK
frequency as low as 2.5 MHz may be used, while still
providing sufficient bandwidth on the SRAM interface
to keep up with maximum wire data rates.
Frequency Demands for Network Operation
The minimum supported clock frequency on the Ex-
pansion Bus for normal network operations is 10 MHz.
The minimum supported clock frequency on the PCI
Bus for normal network operations is 15 MHz. The PCI
clock pin can be stopped or run at any frequency, but
may give underflows and overflows due to reduced
bandwidth. These minimum requirements apply only to
10-Mbps half-duplex operation. Details of the clock fre-
quency and SRAM depth requirements for typical net-
work can be found in the PCnet Fast Buffer Memory
Performance White Paper, PID #20898A.
EEPROM Interface
The Am79C971 controller contains a built-in capability
for reading and writing to an external serial 93C46
EEPROM. This built-in capability consists of an inter-
face for direct connection to a 93C46 compatible
EEPROM, an automatic EEPROM read feature, and a
user-programmable register that allows direct access
to the interface pins.
Automatic EEPROM Read Operation
Shortly after the deassertion of the RST pin, the
Am79C971 controller will read the contents of the
EEPROM that is attached to the interface. Because of
this automatic-read capability of the Am79C971 con-
troller, an EEPROM can be used to program many of
the features of the Am79C971 controller at power-up,
allowing system-dependent configuration information
to be stored in the hardware, instead of inside the
device driver.
If an EEPROM exists on the interface, the Am79C971
controller will read the EEPROM contents at the end of
the H_RESET operation. The EEPROM contents will
be serially shifted into a temporary register and then
sent to various register locations on board the
Am79C971 controller. Access to the Am79C971 con-
figuration space, the Expansion ROM or any I/O
resource is not possible during the EEPROM read op-
eration. The Am79C971 controller will terminate any
access attempt with the assertion of DEVSEL and
STOP while TRDY is not asserted, signaling to the ini-
tiator to disconnect and retry the access at a later time.
A checksum verification is performed on the data that
is read from the EEPROM. If the checksum verification
passes, PVALID (BCR19, bit 15) will be set to 1. If the
checksum verification of the EEPROM data fails,
PVALID will be cleared to 0, and the Am79C971 con-
troller will force all EEPROM-programmable BCR reg-
isters back to their H_RESET default values. However,
the content of the Address PROM locations (offsets
0h - Fh from the I/O or memory mapped I/O base ad-
dress) will not be cleared. The 8-bit checksum for the
entire 64 bytes of the EEPROM should be FFh.
If no EEPROM is present at the time of the automatic
read operation, the Am79C971 controller will recognize
this condition and will abort the automatic read opera-
tion and clear both the PREAD and PVALID bits in
BCR19. All EEPROM-programmable BCR registers
will be assigned their default values after H_RESET.
The content of the Address PROM locations (offsets
0h - Fh from the I/O or memory mapped I/O base ad-
dress) will be undefined.
AS_EBOE
EBUA_EBA[7:0]
EBCLK
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
EBD[15:0]
7:0
7:0
7:0 7:0 7:0 7:0 7:0 7:0 7:0
7:0 7:0 7:0
7:0 7:0
7:0 7:0
ERAMCS
EBWE
15:8
20550D-56
Note:
EBD[15:0] = EBDA[15:8]+EBD[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com