Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 13Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 14Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 15Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 16Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 17Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 18Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 19Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 20Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 265 page
background image
Am79C971
17
PIN DESIGNATIONS
Listed By Group
Note:
1. Not including test features.
Listed By Driver Type
The following table describes the various types of out-
put drivers used in the Am79C971 controller. All IOL and
IOH values shown in the table apply to 5 V signaling.
See the DC Characteristics section for the values ap-
plying to 3.3 V signaling.
A sustained tri-state signal is a low active signal that is
driven high for one clock period before it is left floating.
DO, TDO, and TPO are differential output drivers. Their
characteristics and the one of the XTAL output are de-
scribed in the DC Characteristics section.
Pin Name
Pin Function
Type1
Driver
No. of Pins
Power Supplies
AVDDB
Analog I/O Buffer Power
P
NA
3
AVSSB
Analog I/O Buffer Ground
P
NA
1
VDD_PLL
Analog PLL Power
P
NA
1
VSS_PLL
Analog PLL Ground
P
NA
1
VDD
Digital Power
P
NA
4
VSS
Digital Ground
P
NA
6
VDDB
I/O Buffer Power
P
NA
5
VSSB
I/O Buffer Ground
P
NA
13
VDD_PCI
PCI I/O Buffer Power
P
NA
5
Name
Type
IOL (mA)
IOH (mA)
Load (pF)
LED
LED
12
-0.4
50
OMII1
Totem Pole
4
-4
50
OMII2
Totem Pole
4
-4
390
O6
Totem Pole
6
-0.4
50
OD6
Open Drain
6
NA
50
STS6
Sustained Tri-State
6
-2
50
TS3
Tri-State
3
-2
50
TS6
Tri-State
6
-2
50
TSMII
Tri-State
4
-4
470



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com