Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 93 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 93 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 89Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 90Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 91Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 92Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 93Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 94Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 95Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 96Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 97Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 265 page
background image
Am79C971
93
Figure 51.
Block Diagram Low Latency Receive Configuration
SRAM Accesses
The SRAM access during normal operations is a single
cycle address load to fill the upper bits into the ‘374 fol-
lowed by 17 subsequent accesses. This results in the
best utilization for the 4-FIFO arbiter in the Am79C971
controller. If the FIFO does not have enough data to
complete the full 18 cycles, the arbiter will switch after
all of the data has been written or read. This under uti-
lization occurs only at the end of a packet.
The most significant address byte EBUA_EBA[7:0] is
registered into the external ‘374 by asser tion of
AS_EBOE The least significant address byte is then
toggled on the EBUA_EBA[7:0] throughout the remain-
der of the read/write access. The data word is made up
of the most significant data byte EBDA[15:8], and the
least significant data byte EBD[7:0]. ERAMCS is con-
nected to the CE/CS chip select of the external SRAM.
AS_EBOE provides the output enable signal to the
SRAM during read operations. During write operations,
the AS_EBOE is driven high during the remainder of
the accesses. EBWE is toggled during SRAM writes.
See Figure 52 and Figure 53.
Figure 52.
Typical SRAM Read Operation
PCI Bus
Interface
Unit
802.3
MAC
Core
Expansion Bus Interface
Bus
Rcv
FIFO
MAC
Rcv
FIFO
Bus
Xmt
FIFO
MAC
Xmt
FIFO
Buffer
Management
Unit
FIFO
Control
20550D-54
AS_EBOE
EBUA_EBA[7:0]
EBCLK
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
EBD[15:0]
7:0
7:0
7:0 7:0 7:0 7:0 7:0 7:0
7:0
7:0 7:0 7:0
7:0 7:0
7:0 7:0
ERAMCS
EBWE
15:8
20550D-55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com