Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 56 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 56 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 52Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 53Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 54Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 55Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 56Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 57Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 58Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 59Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 60Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 265 page
background image
56
Am79C971
Figure 31.
16-Bit Software Model
Note that the value of CSR2, bits 15-8, is used as the
upper 8-bits for all memory addresses during bus mas-
ter transfers.
Figure 32 illustrates the relationship between the initial-
ization base address, the initialization block, the re-
ceive and transmit descriptor ring base addresses, the
receive and transmit descriptors, and the receive and
transmit data buffers, when SSIZE32 is set to 1.
Polling
If there is no network channel activity and there is no
pre- or post-receive or pre- or post-transmit activity
being performed by the Am79C971 controller, then the
Am79C971 controller will periodically poll the current
receive and transmit descriptor entries in order to as-
certain their ownership. If the TXDPOLL bit in CSR4 is
set, then the transmit polling function is disabled.
A typical polling operation consists of the following se-
quence. The Am79C971 controller will use the current
receive descriptor address stored internally to vector to
the appropriate Receive Descriptor Table Entry
(RDTE). It will then use the current transmit descriptor
address (stored internally) to vector to the appropriate
Transmit Descriptor Table Entry (TDTE). The accesses
will be made in the following order: RMD1, then RMD0
of the current RDTE during one bus arbitration, and
after that, TMD1, then TMD0 of the current TDTE dur-
ing a second bus arbitration. All information collected
during polling activity will be stored internally in the ap-
propriate CSRs, if the OWN bit is set (i.e., CSR18,
CSR19, CSR20, CSR21, CSR40, CSR42, CSR50,
CSR52).
A typical receive poll is the product of the following con-
ditions:
1. Am79C971 controller does not own the current
RDTE and the poll time has elapsed and
RXON = 1 (CSR0, bit 5), or
2. Am79C971 controller does not own the next RDTE
and there is more than one receive descriptor in the
ring and the poll time has elapsed and RXON = 1.
Initialization
Block
IADR[15:0]
IADR[31:16]
CSR1
CSR2
TDRA[15:0]
MOD
PADR[15:0]
PADR[31:16]
PADR[47:32]
LADRF[15:0]
LADRF[31:16]
LADRF[47:32]
LADRF[63:48]
RDRA[15:0]
RLE
RES
RDRA[23:16]
TLE
RES
TDRA[23:16]
Rcv
Buffers
RMD
RMD
RMD
RMD
Rcv Descriptor
Ring
N
N
N
N
1st
desc.
2nd
desc.
RMD0
Xmt
Buffers
TMD
TMD
TMD
TMD
Xmt Descriptor
Ring
M
M
M
M
1st
desc.
2nd
desc.
TMD
Data
Buffer
N
Data
Buffer
1
Data
Buffer
2
Data
Buffer
M
Data
Buffer
1
Data
Buffer
2
20550D-34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com