Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 96 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 96 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 92Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 93Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 94Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 95Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 96Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 97Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 98Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 99Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 100Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 265 page
background image
96
Am79C971
Note:
*Lowest EEPROM address.
Table 13.
EEPROM Content
Word
Address
Byte
Addr.
Most Significant Byte
Byte
Addr.
Least Significant Byte
00h*
01h
2nd byte of the ISO 8802-3 (IEEE/ANSI
802.3) station physical address for this
node
00h
First byte of the ISO 8802-3 (IEEE/ANSI 802.3)
station physical address for this node, where “first
byte” refers to the first byte to appear on the 802.3
medium
01h
03h
4th byte of the node address
02h
3rd byte of the node address
02h
05h
6th byte of the node address
04h
5th byte of the node address
03h
07h
reserved location: must be 00h
06h
Reserved location must be 00h
04h
09h
Hardware ID: must be 11h if compatibility
to AMD drivers is desired
08h
Reserved location must be 00h
05h
0Bh
User programmable space
0Ah
User programmable space
06h
0Dh
MSB of two-byte checksum, which is the
sum of bytes 00h-0Bh and bytes 0Eh and
0Fh
0Ch
LSB of two-byte checksum, which is the sum of bytes
00h-0Bh and bytes 0Eh and 0Fh
07h
0Fh
Must be ASCII “W” (57h) if compatibility
to AMD driver software is desired
0Eh
Must be ASCII “W” (57h) if compatibility to AMD driver
software is desired
08h
11h
BCR2[15:8] (Miscellaneous
Configuration)
10h
BCR2[7:0] (Miscellaneous Configuration)
09h
13h
BCR4[15:8] (Link Status LED)
12h
BCR4[7:0] (Link Status LED)
0Ah
15h
BCR5[15:8] (LED1 Status)
14h
BCR5[7:0] (LED1 Status)
0Bh
17h
BCR6[15:8] (LED2 Status)
16h
BCR6[7:0] (LED2 Status)
0Ch
19h
BCR7[15:8] (LED3 Status)
18h
BCR7[7:0] (LED3 Status)
0Dh
1Bh
BCR9[15:8] (Full-Duplex Control)
1Ah
BCR9[7:0] (Full-Duplex Control)
0Eh
1Dh
BCR18[15:8] (Burst and Bus Control)
1Ch
BCR18[7:0] (Burst and Bus Control)
0Fh
1Fh
BCR22[15:8] (PCI Latency)
1Eh
BCR22[7:0] (PCI Latency)
10h
21h
BCR23[15:8] (PCI Subsystem Vendor
ID)
20h
BCR23[7:0] (PCI Subsystem Vendor ID)
11h
23h
BCR24[15:8] (PCI Subsystem ID)
22h
BCR24[7:0] (PCI Subsystem ID)
12h
25h
BCR25[15:8] (SRAM Size)
24h
BCR25[7:0] (SRAM Size)
13h
27h
BCR26[15:8] (SRAM Boundary)
26h
BCR26[7:0] (SRAM Boundary)
14h
29h
BCR27[15:8] (SRAM Interface Control)
28h
BCR27[7:0] (SRAM Interface Control)
15h
2Bh
BCR32[15:8] (MII Control and Status)
2Ah
BCR32[7:0] (MII Control and Status)
16h
2Dh
BCR33[15:8] (MII Address)
2Ch
BCR33[7:0] (MII Address)
17h
2Fh
BCR35[15:8] (PCI Vendor ID)
2Eh
BCR35[7:0] (PCI Vendor ID)
18h
31h
Reserved location must be 00h
30h
Reserved location must be 00h
19h
33h
Reserved location must be 00h
32h
Reserved location must be 00h
1Ah
35h
Reserved location must be 00h
34h
Reserved location must be 00h
1Bh
37h
Reserved location must be 00h
36h
Reserved location must be 00h
1Ch
39h
Reserved location must be 00h
38h
Reserved location must be 00h
1Dh
3Bh
Reserved location must be 00h
3Ah
Reserved location must be 00h
1Eh
3Dh
Reserved location must be 00h
3Ch
Reserved location must be 00h
1Fh
3Fh
Checksum adjust byte for the 64 bytes of
the EEPROM contents, checksum of the
64 bytes of the EEPROM should total to
FFh
3Eh
Reserved location must be 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com