Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 19 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 19 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 15Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 16Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 17Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 18Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 19Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 20Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 21Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 22Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 265 page
background image
Am79C971
19
INTA
Interrupt Request
Output
An attention signal which indicates that one or more of
the following status flags is set: BABL, EXDINT, IDON,
JAB, MERR, MISS, MFCO, MPINT, RCVCCO, RINT,
SINT, SLPINT, TINT, TXSTRT, UINT, MCCIINT, MC-
CINT, MPDTINT, MAPINT, MREINT, and STINT. Each
status flag has either a mask or an enable bit which al-
lows for suppression of INTA assertion. Table 1 shows
the flag meanings.
By default INTA is an open-drain output. For applica-
tions that need a high-active edge-sensitive interrupt
signal, the INTA pin can be configured for this mode by
setting INTLEVEL (BCR2, bit 7) to 1.
When RST is active, INTA is the output for NAND tree
testing.
IRDY
Initiator Ready
Input/Output
IRDY indicates the ability of the initiator of the transac-
tion to complete the current data phase. IRDY is used
in conjunction with TRDY. Wait states are inserted until
both IRDY and TRDY are asserted simultaneously. A
data phase is completed on any clock when both IRDY
and TRDY are asserted.
When the Am79C971 controller is a bus master, it as-
serts IRDY during all write data phases to indicate that
valid data is present on AD[31:0]. During all read data
phases, the device asserts IRDY to indicate that it is
ready to accept the data.
When the Am79C971 controller is the target of a trans-
action, it checks IRDY during all write data phases to
determine if valid data is present on AD[31:0]. During
all read data phases, the device checks IRDY to deter-
mine if the initiator is ready to accept the data.
When RST is active, IRDY is an input for NAND tree
testing.
PAR
Parity
Input/Output
Parity is even parity across AD[31:0] and C/BE[3:0].
When the Am79C971 controller is a bus master, it gen-
erates parity during the address and write data phases.
It checks parity during read data phases. When the
Am79C971 controller operates in slave mode, it checks
parity during every address phase. When it is the target
of a cycle, it checks parity during write data phases and
it generates parity during read data phases.
When RST is active, PAR is an input for NAND tree
testing.
Table 1.
Interrupt Flags
Name
Description
Mask Bit
Interrupt Bit
BABL
Babble
CSR3, bit 14
CSR0, bit 14
EXDINT
Excessive
Deferral
CSR5, bit 6
CSR5, bit 7
IDON
Initialization
Done
CSR3, bit 8
CSR0, bit 8
JAB
Jabber
CSR4, bit 0
CSR4, bit 1
MERR
Memory Error
CSR3, bit 11
CSR0, bit 11
MISS
Missed Frame
CSR3, bit 12
CSR0, bit 12
MFCO
Missed Frame
Count Over-
flow
CSR4, bit 8
CSR4, bit 9
MPINT
Magic Packet
Interrupt
CSR5, bit 3
CSR5, bit 4
RCVCCO
Receive
Collision Count
Overflow
CSR4, bit 4
CSR4, bit 5
RINT
Receive
Interrupt
CSR3, bit 10
CSR0, bit 10
SLPINT
Sleep Interrupt CSR5, bit 8
CSR5, bit 9
SINT
System Error
CSR5, bit 10
CSR5, bit 11
TINT
Transmit
Interrupt
CSR3, bit 9
CSR0, bit 9
TXSTRT
Transmit Start
CSR4, bit 2
CSR4, bit 3
UINT
User Interrupt
CSR4, bit 7
CSR4, bit 6
MCCIINT
Internal MII
Management
Command
Complete
Interrupt
CSR7, bit 2
CSR7, bit 3
MCCINT
MII
Management
Command
Complete
Interrupt
CSR7, bit 4
CSR7, bit 5
MPDTINT
MII PHY Detect
Transition
Interrupt
CSR7, bit 0
CSR7, bit 1
Name
Description
Mask Bit
Interrupt Bit
MAPINT
MII Auto-Poll
Interrupt
CSR7, bit 6
CSR7, bit 7
MREINT
MII
Management
Frame Read
Error Interrupt
CSR7, bit 8
CSR7, bit 9
STINT
Software Timer
Interrupt
CSR7, bit 10
CSR7, bit 11
Table 1.
Interrupt Flags



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com