Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 100 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 100 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 96Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 97Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 98Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 99Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 100Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 101Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 102Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 103Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 104Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 265 page
background image
100
Am79C971
Other Data Registers
Other data registers are the following:
1. Bypass Register (1 bit)
2. Device ID register (32 bits) (Table 17).
The contents of the Device ID register is the same as
the contents of CSR88.
NAND Tree Testing
The Am79C971 controller provides a NAND tree test
mode to allow checking connectivity to the device on a
printed circuit board. The NAND tree is built on all PCI
bus, MII, and LED signals.
NAND tree testing is enabled by asserting RST. The re-
sult of the NAND tree test can be observed on the INTA
pin. See Figure 55.
Pin 143 (RST) is the first input to the NAND tree. Pin
145 (CLK) is the second input to the NAND tree, fol-
lowed by pin 147 (GNT). All other PCI bus, Expansion
Bus, MII, LED signals follow, counterclockwise, with pin
136 (EECS) being the last. Pins labeled NC, analog in-
terfaces, and all power supply pins are not part of the
NAND tree. Table 18 shows the complete list of pins
connected to the NAND tree.
RST must be asserted low to start a NAND tree test
sequence. Initially, all NAND tree inputs except RST
should be driven high. This will result in a high output
at the INTA pin. If the NAND tree inputs are driven from
high to low in the same order as they are connected to
build the NAND tree, INTA will toggle every time an ad-
ditional input is driven low. INTA will change to low,
when CLK is driven low and all other NAND tree inputs
stay high. INTA will toggle back to high, when GNT is
additionally driven low. The square wave will continue
until all NAND tree inputs are driven low. INTA will be
high, when all NAND tree inputs are driven low. See
Figure 56.
Note: Some of the pins connected to the NAND tree
are outputs in normal mode of operation. They must not
be driven from an external source until the Am79C971
controller is configured for NAND tree testing.
Figure 55.
NAND Tree Circuitry
Table 17.
Device ID Register
Bits 31-28
Version
Bits 27-12
Part Number (0010 0110 0010 0011)
Bits 11-1
Manufacturer ID. The 11 bit manufacturer ID
cod for AMD is 00000000001 in accordance
with JEDEC publication 106-A.
Bit 0
Always a logic 1
Am79C971
Core
RST (pin143)
CLK (pin 145)
VDD
GNT (pin 147)
EECS (pin 136)
INTA (pin 142)
B
A
S
MUX
O
....
INTA
20550D-58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com