Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 103 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 103 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 99Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 100Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 101Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 102Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 103Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 104Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 105Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 106Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 107Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 265 page
background image
Am79C971
103
Table 19.
PCI Configuration Space Layout
I/O Resources
The Am79C971 controller requires 32 bytes of address
space for access to all the various internal registers as
well as to some setup information stored in an external
serial EEPROM. A software reset port is available, too.
The Am79C971 controller supports mapping the ad-
dress space to both I/O and memory space. The value
in the PCI I/O Base Address register determines the
start address of the I/O address space. The register is
typically programmed by the PCI configuration utility
after system power-up. The PCI configuration utility
must also set the IOEN bit in the PCI Command regis-
ter to enable I/O accesses to the Am79C971 controller.
For memory mapped I/O access, the PCI Memory
Mapped I/O Base Address register controls the start
address of the memory space. The MEMEN bit in the
PCI Command register must also be set to enable the
mode. Both base address registers can be active at the
same time.
The Am79C971 controller supports two modes for ac-
cessing the I/O resources. For backwards compatibility
with AMD’s 16-bit Ethernet controllers, Word I/O is the
default mode after power up. The device can be config-
ured to DWord I/O mode by software.
I/O Registers
The Am79C971 controller registers are divided into two
groups. The Control and Status Registers (CSR) are
used to configure the Ethernet MAC engine and to ob-
tain status information. The Bus Control Registers
(BCR) are used to configure the bus interface unit and
the LEDs. Both sets of registers are accessed using in-
direct addressing.
The CSR and BCR share a common Register Address
Port (RAP). There are, however, separate data ports.
The Register Data Port (RDP) is used to access a
CSR. The BCR Data Port (BDP) is used to access a
BCR.
In order to access a particular CSR location, the RAP
should first be written with the appropriate CSR ad-
dress. The RDP will then point to the selected CSR. A
read of the RDP will yield the selected CSR data. A
write to the RDP will write to the selected CSR. In order
to access a particular BCR location, the RAP should
first be written with the appropriate BCR address. The
BDP will then point to the selected BCR. A read of the
BDP will yield the selected BCR data. A write to the
BDP will write to the selected BCR.
Once the RAP has been written with a value, the RAP
value remains unchanged until another RAP write oc-
curs, or until an H_RESET or S_RESET occurs. RAP
is cleared to all 0s when an H_RESET or S_RESET oc-
curs. RAP is unaffected by setting the STOP bit.
Address PROM Space
The Am79C971 controller allows for connection of a
serial EEPROM. The first 16 bytes of the EEPROM will
be automatically loaded into the Address PROM
(APROM) space after H_RESET. The Address PROM
space is a convenient place to store the value of the 48-
31
24
23
16
15
8
7
0
Offset
Device ID
Vendor ID
00h
Status
Command
04h
Base-Class
Sub-Class
Programming IF
Revision ID
08h
Reserved
Header Type
Latency Timer
Reserved
0Ch
I/O Base Address
10h
Memory Mapped I/O Base Address
14h
Reserved
18h
Reserved
1Ch
Reserved
20h
Reserved
24h
Reserved
28h
Subsystem ID
Subsystem Vendor ID
2Ch
Expansion ROM Base Address
30h
Reserved
34h
Reserved
38h
MAX_LAT
MIN_GNT
Interrupt Pin
Interrupt Line
3Ch
Reserved
40h
Reserved
.
.
Reserved
FCh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com