Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 37 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 37 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 33Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 34Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 35Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 36Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 37Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 38Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 39Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 40Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 41Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 265 page
background image
Am79C971
37
Figure 11 shows the Am79C971controller bus acquisi-
tion. REQ is asserted and the arbiter returns GNT while
an othe r bu s m a s t e r i s tran sfer r i ng dat a. T h e
Am79C971 controller waits until the bus is idle (FRAME
and IRDY deasserted) before it starts driving AD[31:0]
and C/BE[3:0] on clock 5. FRAME is asserted at clock
5 indicating a valid address and command on AD[31:0]
and C/BE[3:0]. The Am79C971 controller does not use
address stepping which is reflected by ADSTEP (bit 7)
in the PCI Command register being hardwired to 0.
Figure 11.
Bus Acquisition
In burst mode, the deassertion of REQ depends on the
setting of EXTREQ (BCR18, bit 8). If EXTREQ is
cleared to 0, REQ is deasserted at the same time as
FRAME is asserted. (The Am79C971 controller never
performs more than one burst transaction within a sin-
gle bus mastership period.) If EXTREQ is set to 1, the
Am79C971 controller does not deassert REQ until it
starts the last data phase of the transaction.
Once asserted, REQ remains active until GNT has be-
come active and independent of subsequent setting of
STOP (CSR0, bit 2) or SPND (CSR5, bit 0). The asser-
tion of H_RESET or S_RESET, however, will cause
REQ to go inactive immediately.
Bus Master DMA Transfers
There are four primary types of DMA transfers. The
Am79C971 controller uses non-burst as well as burst
cycles for read and write access to the main memory.
Basic Non-Burst Read Transfer
By default, the Am79C971 controller uses non-burst
cycles in all bus master read operations. All Am79C971
controller non-burst read accesses are of the PCI
command type Memory Read (type 6). Note that during
a non-burst read operation, all byte lanes will always be
active. The Am79C971 controller will internally discard
unneeded bytes.
The Am79C971 controller typically performs more than
one non-burst read transactions within a single bus
mastership period. FRAME is dropped between con-
secutive non-burst read cycles. REQ however stays as-
serted until FRAME is asserted for the last transaction.
The Am79C971 controller supports zero wait state
read cycles. It asserts IRDY immediately after the ad-
dress phase and at the same time starts sampling
DEVSEL. Figure 12 shows two non-burst read transac-
tions. The first transaction has zero wait states. In the
second transaction, the target extends the cycle by as-
serting TRDY one clock later.
Basic Burst Read Transfer
The Am79C971 controller supports burst mode for all
bus master read operations. The burst mode must be
enabled by setting BREADE (BCR18, bit 6). To allow
burst transfers in descriptor read operations, the
Am79C971 controller must also be programmed to use
SWSTYLE 3 (BCR20, bits 7-0). All burst read accesses
to the initialization block and descriptor ring are of the
PCI command type Memory Read (type 6). Burst read
accesses to the transmit buffer typically are longer than
two data phases. When MEMCMD (BCR18, bit 9) is
cleared to 0, all burst read accesses to the transmit
buffer are of the PCI command type Memory Read Line
(type 14). When MEMCMD (BCR18, bit 9) is set to1, all
burst read accesses to the transmit buffer are of the
PCI command type Memory Read Multiple (type 12).
AD[1:0] will both be 0 during the address phase indicat-
ing a linear burst order. Note that during a burst read
operation, all byte lanes will always be active. The
Am79C971 controller will internally discard unneeded
bytes.
The Am79C971 controller will always perform only a
single burst read transaction per bus mastership pe-
riod, where transaction is defined as one address
ph as e an d o n e or mul t i p l e da ta p h a s es. T h e
Am79C971 controller supports zero wait state read cy-
cles. It asserts IRDY immediately after the address
phase and at the same time starts sampling DEVSEL.
FRAME is deasserted when the next to last data phase
is completed. Figure 13 shows a typical burst read ac-
cess. The Am79C971 controller arbitrates for the bus,
is granted access, reads three 32-bit words (DWord)
from the system memory, and then releases the bus. In
the example, the memory system extends the data
phase of the each access by one wait state. The exam-
ple assumes that EXTREQ (BCR18, bit 8) is cleared to
0, therefore, REQ is deasserted in the same cycle as
FRAME is asserted.
FRAME
CLK
AD
IRDY
C/BE
REQ
GNT
1
2345
CMD
ADDR
20550D-14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com