Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 30 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 30 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 26Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 27Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 28Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 29Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 30Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 31Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 32Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 33Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 34Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 265 page
background image
30
Am79C971
DETAILED FUNCTIONS
Slave Bus Interface Unit
The slave bus interface unit (BIU) controls all accesses
to the PCI configuration space, the Control and Status
Registers (CSR), the Bus Configuration Registers
(BCR), the Address PROM (APROM) locations, and
the Expansion ROM. Table 2 shows the response of
the Am79C971 controller to each of the PCI commands
in slave mode.
Table 2.
Slave Commands
Slave Configuration Transfers
The host can access the Am79C971 PCI configuration
space with a configuration read or write command. The
Am79C971 controller will assert DEVSEL during the
address phase when IDSEL is asserted, AD[1:0] are
both 0, and the access is a configuration cycle. AD[7:2]
select the DWord location in the configuration space.
The Am79C971 controller ignores AD[10:8], because it
is a single function device. AD[31:11] are don’t care.
The active bytes within a DWord are determined by the
byte enable signals. Eight-bit, 16-bit, and 32-bit trans-
fers are supported. DEVSEL is asserted two clock cy-
cles a f t e r t h e h o st ha s a sser t ed FR AM E . A ll
co nf ig ura t io n cycle s are of f i xe d le n g t h . The
Am79C971 controller will assert TRDY on the third
clock of the data phase.
The Am79C971 controller does not support burst trans-
fers for access to configuration space. When the host
keeps FRAME asserted for a second data phase, the
Am79C971 controller will disconnect the transfer.
When the host tries to access the PCI configuration
space while the automatic read of the EEPROM after
H_RESET (see section on RESET) is on-going, the
Am79C971 controller will terminate the access on the
PCI bus with a disconnect/retry response.
The Am79C971 controller supports fast back-to-back
transactions to different targets. This is indicated by the
Fast Back-To-Back Capable bit (PCI Status register, bit
7), which is hardwired to 1. The Am79C971 controller
is capable of detecting a configuration cycle even when
its address phase immediately follows the data phase
of a transaction to a different target without any idle
state in-between. There will be no contention on the
DEVSEL , TR DY, and STOP sign als, since th e
Am79C971 controller asserts DEVSEL on the second
clock after FRAME is asserted (medium timing).
Slave I/O Transfers
After the Am79C971 controller is configured as an I/O
device by setting IOEN (for regular I/O mode) or
MEMEN (for memory mapped I/O mode) in the PCI
Command register, it starts monitoring the PCI bus for
access to its CSR, BCR, or APROM locations. If con-
figured for regular I/O mode, the Am79C971 controller
will look for an address that falls within its 32 bytes of I/
O address space (starting from the I/O base address).
The Am79C971 controller asserts DEVSEL if it detects
an address match and the access is an I/O cycle. If
con figured for memor y mapped I/O m ode, th e
Am79C971 controller will look for an address that falls
within its 32 bytes of memory address space (starting
from the memory mapped I/O base address). The
Am79C971 controller asserts DEVSEL if it detects an
address match and the access is a memory cycle.
DEVSEL is asserted two clock cycles after the host has
asserted FRAME. See Figure 1 and Figure 2.
C[3:0]
Command
Use
0000
Interrupt
Acknowledge
Not used
0001
Special Cycle
Not used
0010
I/O Read
Read of CSR, BCR, APROM,
and Reset registers
0011
I/O Write
Write to CSR, BCR, and
APROM
0100
Reserved
0101
Reserved
0110
Memory Read
Memory mapped I/O read of
CSR, BCR, APROM, and
Reset registers
Read of the Expansion Bus
0111
Memory Write
Memory mapped I/O write of
CSR, BCR, and APROM
1000
Reserved
1001
Reserved
1010
Configuration
Read
Read of the Configuration
Space
1011
Configuration
Write
Write to the Configuration
Space
1100
Memory Read
Multiple
Aliased to Memory Read
1101
Dual Address
Cycle
Not used
1110
Memory Read
Line
Aliased to Memory Read
1111
Memory Write
Invalidate
Aliased to Memory Write
AD31
AD11
AD10
AD8
AD7
AD2
AD1
AD0
Don’t care
Don’t care
DWord
index
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com