Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 26 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 26 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 22Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 23Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 24Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 25Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 26Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 27Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 28Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 29Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 30Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 265 page
background image
26
Am79C971
RXCLK
Receive Clock
Input
RXCLK is an input. The rising edges of the RXCLK sig-
nal are used to sample the data on the RXDAT input
whenever the RXEN input is HIGH.
Note: The RXCLK pin is multiplexed with the RX_CLK
pin.
When RST is active, RXCLK is an input for NAND tree
testing.
RXDAT
Receive Data
Input
RXDAT is an input. The rising edges of the RXCLK sig-
nal are used to sample the data on the RXDAT input
whenever the RXEN input is HIGH.
Note: The RXDAT pin is multiplexed with the RX_ER
pin.
When RST is active, RXDAT is an input for NAND tree
testing.
RXEN
Receive Enable
Input
RXEN is an input. When this signal is HIGH, it indicates
to the core logic that the data on the RXDAT input pin
is valid.
Note: The RXEN pin is multiplexed with the CRS pin.
When RST is active, RXEN is an input for NAND tree
testing.
TXCLK
Transmit Clock
Input
TXCLK is an input that provides a clock signal for MAC
activity, both transmit and receive. The rising edges of
the TXCLK can be used to validate TXDAT output data.
Note: The TXCLK pin is multiplexed with the TX_CLK
pin.
When RST is active, TXCLK is an input for NAND tree
testing.
TXDAT
Transmit Data
Output
TXDAT is an output that provides the serial bit stream
for transmission, including preamble, SFD, data, and
FCS field, if applicable.
Note: The TXDAT pin is multiplexed with the TXD[0]
pin.
When RST is active, TXDAT is an input for NAND tree
testing.
TXEN
Transmit Enable
Output
TXEN is an output that provides an enable signal for
transmission. Data on the TXDAT pin is not valid unless
the TXEN signal is HIGH.
Note: The TXEN pin is multiplexed with the TX_EN
pin.
When RST is active, TXEN is an input for NAND tree
testing.
External Address Detection Interface
EAR
External Address Reject Low
Input
The incoming frame will be checked against the inter-
nally active address detection mechanisms and the re-
sult of this check will be OR’d with the value on the EAR
pin. The EAR pin is defined as REJECT. The pin value
is OR’d with the internal address detection result to de-
termine if the current frame should be accepted or re-
jected.
The EAR pin must not be left unconnected, it should
be tied to VDD through a resistor.
Note: The EAR pin is multiplexed with the SLEEP pin.
When RST is active, EAR is an input for NAND tree
testing.
SFBD
Start Frame-Byte Delimiter
Output
For the Internal PHY during External Address
Detection:
An initial rising edge on the SFBD signal indicates that
a start of frame delimiter has been detected. The serial
bit stream will follow on the SRD signal, commencing
with the destination address field. SFBD will go high for
4 bit times (400 ns when operating at 10 Mbps) after
detecting the second “1” in the SFD (Start of Frame De-
limiter) of a received frame. SFBD will subsequently
toggle every 4 bit times (1.25 MHz frequency when op-
erating at 10 Mbps) with each rising edge indicating the
first bit of each subsequent byte of the received serial
bit stream. See the EADI Rejection Timing with Internal
PHY timing diagram for details. SFBD will be active
only during frame reception.
For the External PHY attached to the Media Inde-
pendent Interface during External Address Detec-
tion:
An initial rising edge on the SFBD signal indicates that
a start of valid data is present on the RXD[3:0] pins.
SFBD will go high for one nibble time (400 ns when op-
erating at 10 Mbps and 40 ns when operating at 100
Mbps) one RX_CLK period after RX_DV has been as-
serted and RX_ER is deasserted and the detection of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com