Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 65 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 65 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 61Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 62Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 63Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 64Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 65Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 66Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 67Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 68Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 69Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 265 page
background image
Am79C971
65
first. The default value of DXMTFCS is 0 after
H_RESET.
ADD_FCS (TMD1, bit 29) allows the automatic gener-
ation and transmission of FCS on a frame-by-frame
basis. DXMTFCS should be set to 1 in this mode. To
generate FCS for a frame, ADD_FCS must be set in the
first descriptor of a frame (STP is set to 1). Note that bit
29 of TMD1 has the function of ADD_FCS if SWSTYLE
(BCR20, bits 7-0) is programmed to 0, 2, or 3.
Transmit Exception Conditions
Exception conditions for frame transmission fall into
two distinct categories: those conditions which are the
result of normal network operation, and those which
occur due to abnormal network and/or host related
events.
Normal events which may occur and which are handled
autonomously by the Am79C971 controller include col-
lisions within the slot time with automatic retry. The
Am79C971 controller will ensure that collisions which
occur within 512 bit times from the start of transmission
(including preamble) will be automatically retried with
no host intervention. The transmit FIFO ensures this by
guaranteeing that data contained within the FIFO will
not be overwritten until at least 64 bytes (512 bits) of
preamble plus address, length, and data fields have
been transmitted onto the network without encounter-
ing a collision. Note that if DRTY (CSR15, bit 5) is set
to 1 or if the network interface is operating in full-duplex
mode, no collision handling is required, and any byte of
frame data in the FIFO can be overwritten as soon as it
is transmitted.
If 16 total attempts (initial attempt plus 15 retries) fail,
the Am79C971 controller sets the RTRY bit in the cur-
rent transmit TDTE in host memory (TMD2), gives up
ownership (resets the OWN bit to 0) for this frame, and
processes the next frame in the transmit ring for trans-
mission.
Abnormal network conditions include:
s Loss of carrier
s Late collision
s SQE Test Error (Does not apply to 10BASE-T port
or 100-Mbps networks.)
These conditions should not occur on a correctly con-
figured IEEE 802.3 network operating in half-duplex
mode. If they do, they will be reported. None of these
conditions will occur on a network operating in full-
duplex mode. (See the section Full-Duplex Operation
for more detail.)
When an error occurs in the middle of a multi-buffer
frame transmission, the error status will be written in the
current descriptor. The OWN bit(s) in the subsequent
descriptor(s) will be cleared until the STP (the next
frame) is found.
Loss of Carrier
When operating in half-duplex mode, a loss of carrier
condition will be reported if the Am79C971 controller
cannot observe receive activity while it is transmitting
on the AUI or GPSI por t. In AUI mode, after the
Am79C971 controller initiates a transmission, it will ex-
pect to see data “looped-back” on the DI
± pair. This will
internally generate a “carrier sense,” indicating that the
integrity of the data path to and from the MAU is intact,
and that the MAU is operating correctly. This “carrier
sense” signal must be asserted before the last bit is
transmitted on DO
±. If “carrier sense” does not become
active in response to the data transmission, or be-
comes inactive before the end of transmission, the loss
of carrier (LCAR) error bit will be set in TMD2 after the
frame has been transmitted. The frame will not be re-
tried on the basis of an LCAR error. In GPSI mode,
LCAR will be asserted if RXEN does not go active dur-
ing the transmission.
When the internal 10BASE-T port is selected, LCAR
will be reported for every frame transmitted while the
network interface is in the Link Fail state.
Late Collision
A late collision will be reported if a collision condition
occurs after one slot time (512 bit times) after the trans-
mit process was initiated (first bit of preamble com-
menced). The Am79C971 controller will abandon the
transmit process for that frame, set Late Collision
(LCOL) in the associated TMD2, and process the next
transmit frame in the ring. Frames experiencing a late
collision will not be retried. Recovery from this condi-
tion must be performed by upper layer software.
SQE Test Error
During the IPG time following the completion of a trans-
mitted message, the AUI CI
± pair is asserted by some
transceivers as a self-test. The integral MENDEC will
expect the SQE Test Message (nominal 10-MHz se-
quence) to be returned via the CI
± pair within a 40-net-
work bit-time period after DI
± goes inactive (this does
not apply if the 10BASE-T port is selected). If the CI
±
input is not asserted within the 40 network bit-time pe-
riod following the completion of transmission, then the
Am79C971 controller will set the CERR bit in CSR0. In
GPSI mode, CLSN must be asserted after the trans-
mission or otherwise CERR will be set. CERR will be
asserted in 10BASE-T mode, or in the 10BASE-T
mode through the MII after transmit, if the network port
is in Link Fail state. CERR will never cause INTA to be
activated. It will, however, set the ERR bit CSR0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com