Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 99 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 99 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 95Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 96Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 97Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 98Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 99Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 100Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 101Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 102Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 103Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 265 page
background image
Am79C971
99
disabling Magic Packet mode. Once either of these
events has occurred indicating that the system has de-
tected the assertion of INTA or an LED pin and is now
awake, the controller will continue polling the receive
and transmit descriptor rings where it left off. Re-initial-
ization should not be performed. If the part is re-initial-
ized, then the descriptor locations will be reset also,
and the Am79C971 controller will not start where it left
off.
If Magic Packet mode is disabled by the deassertion of
SLEEP, then in order to immediately re-enable Magic
Packet mode, the SLEEP pin must remain deasserted
for at least 200 ns before it is reasserted. If Magic
Packet mode is disabled by clearing MPEN, then it may
be immediately re-enabled by setting MPEN back to 1.
The PCI bus interface clock (CLK) is not required to be
running. Both INTA and the LED pins may be used to
indicate the receipt of a Magic Packet frame when the
CLK is stopped. If the system wishes to stop the CLK,
it should do so after enabling the Magic Packet mode.
The clock should be restarted before Magic Packet
mode is disabled if MPEN is being cleared, or the clock
must be restarted right after Magic Packet mode is dis-
abled if SLEEP is being deasserted. Otherwise, the re-
ceive FIFO may overflow if new frames arrive. The
network clock (XTAL) must continue running at all times
while in Magic Packet mode.
CAUTION: To prevent unwanted interrupts from other
active parts of the Am79C971 controller, care must be
taken to mask all likely interruptible events during
Magic Packet mode. An example would be the inter-
rupts from the MII which operate while in Magic Packet
mode.
IEEE 1149.1 (1990) Test Access Port
Interface
An IEEE 1149.1-compatible boundary scan Test Ac-
cess Port is provided for board-level continuity test and
diagnostics. All digital input, output, and input/output
pins are tested. Analog pins, including the AUI differen-
tial driver (DO
±) and receivers (DI±, CI±), and the crys-
tal input (XTAL1/XTAL2) pins are tested. The T-MAU
drivers TXD
±, TXP±, and receiver RXD± are also
tested. The following is a brief summary of the IEEE
1149.1-compatible test functions implemented in the
Am79C971 controller.
Boundary Scan Circuit
The boundary scan test circuit requires four pins (TCK,
TMS, TDI, and TDO), defined as the Test Access Port
(TAP). It includes a finite state machine (FSM), an
instruction register, a data register array, and a power-
on reset circuit. Internal pull-up resistors are provided
for the TDI, TCK, and TMS pins. The boundary scan
circuit remains active during Sleep mode.
TAP Finite State Machine
The TAP engine is a 16-state finite state machine
(FSM), driven by the Test Clock (TCK), and the Test
Mode Select (TMS) pins. An independent power-on
reset circuit is provided to ensure that the FSM is in the
TEST_LOGIC_RESET state at power-up. Therefore,
the TRST is not provided. The FSM is also reset when
TMS and TDI are high for five TCK periods.
Supported Instructions
In addition to the minimum IEEE 1149.1 requirements
(BYPASS, EXTEST, and SAMPLE instructions), three
additional instructions (IDCODE, TRIBYP, and SET-
BYP) are provided to further ease board-level testing.
All unused instruction codes are reserved. See Table
15 for a summary of supported instructions.
Instruction Register and Decoding Logic
After the TAP FSM is reset, the IDCODE instruction is
always invoked. The decoding logic gives signals to
control the data flow in the Data registers according to
the current instruction.
Boundary Scan Register
Each Boundary Scan Register (BSR) cell has two
stages. A flip-flop and a latch are used for the Serial
Shift Stage and the Parallel Output Stage, respectively.
There are four possible operation modes in the BSR
cell shown in Table 16.
Table 15.
IEEE 1149.1 Supported Instruction
Summary
Instruc-
tion
Name
Instruc-
tion
Code
Description
Mode
Selected
Data
Register
EXTEST
0000
External Test Test
BSR
IDCODE
0001
ID Code
Inspection
Normal
ID REG
SAMPLE
0010
Sample
Boundary
Normal
BSR
TRIBYP
0011
Force Float
Normal
Bypass
SETBYP
0100
Control
Boundary To
1/0
Test
Bypass
BYPASS
1111
Bypass Scan Normal
Bypass
Table 16.
BSR Mode Of Operation
1
Capture
2
Shift
3
Update
4
System Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com